Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6218-280TD-GT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT6218-280TD-GT3
Description  300mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6218-280TD-GT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT6218-280TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT6218-280TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT6218
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-10010 Rev. C
Characteristics subject to change without notice
TRANSIENT CHARACTERISTICS (shown for 2.85V output option)
VIN = 3.85V, IOUT = 100μA, CIN = COUT = 1μF, CBYP = 10nF, TA = 25°C unless otherwise specified.
Note: All transient characteristics are generated using the evaluation board CAT621XEVAL1.
Enable Turn-On (100μA Load)
Enable Turn-Off (100μA Load)
Enable Turn-On (300mA Load)
Enable Turn-Off (300mA Load)
Line Transient Response (3.85V to 4.85V)
Load Transient Response (0.1mA to 300mA)


Similar Part No. - CAT6218-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218-280TDGT3 ONSEMI-CAT6218-280TDGT3 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218-280TDGT3 ONSEMI-CAT6218-280TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Similar Description - CAT6218-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com