Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450TAM1R501A2G2 Datasheet(PDF) 9 Page - CTS Corporation

Part # 450TAM1R501A2G2
Description  Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450TAM1R501A2G2 Datasheet(HTML) 9 Page - CTS Corporation

  450TAM1R501A2G2 Datasheet HTML 1Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 2Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 3Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 4Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 5Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 6Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 7Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 8Page - CTS Corporation 450TAM1R501A2G2 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MOUNTING STYLE “A”
BUSHING LENGTH:
1/8" (3.2mm)
INCREMENTS
EXAMPLES:
2 – .250" (6.35mm)
3 – .375" (9.53mm)
8 – 1.000" (25.4mm)
1 – TWIST TAB MOUNT
A – .250" (6.35mm)
DIECAST
B – .375" (9.53mm)
DIECAST
SHAFT LENGTH “L”
FROM MOUNTING
SURFACE
1/32" (0.8mm)
INCREMENTS
EXAMPLES:
20 – .625" (15.9mm)
24 – .750" (19.1mm)
28 – .875" (22.2mm)
32 – 1.000" (25.4mm)
TERMINAL STYLE
T – SOLDER LUG
X – PC(.688"(17.5mm)
HEIGHT)
U – FORMED
TO FRONT
V – FORMED
TO REAR
Ordering Information
T
2
20
R
103
B
1
RESIST TOL
A – ±10%
B – ±20%
SHAFT TRIM
R – ROUND
F – FLATTED .375" X .156"
(9.5mm X 4.0mm)
K – KNURLED
S – SD SLOT .063" DEEP
X .047" WIDE
(1.6mm X 1.2mm)
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW
AUD
SPECIALS
1 – LEFT SIDE LUG *
4 – RIGHT SIDE LUG *
5 – NO LOCATING
LUG
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
SWITCHES
FUNCTION
CTS TYPE
C – SPST
ROTARY
TGC
D – DPST
ROTARY
027
E – SPDT
ROTARY
028
F – SPST
PULL-PUSH
FRK
G – SPST
PUSH-PUSH
040
H – SPDT
PUSH-PUSH
041
K – NONE VERNIER ADJUST 10 1/4 turns
L – NONE
450
6 – BOTH SIDE LUG
(.236"(6.0mm) DIA OVER
KNURL 24 TEETH)
Y – PC(.875"(22.2mm)
HEIGHT)
B – SPST
ROTARY
050
(.240”-.246” Dia over knurl
24 teeth)
M – .250" (6.35mm)
MOLDED
M2 – .625" (15.9mm)
M3 – .750" (19.1mm)
M4 – .875" (22.2mm)
M5 – 1.000" (25.4mm)
METAL SHAFT
* MOLDED SHAFT
METAL SHAFT
MOLDED SHAFT
A – NONE
* AVAILABLE FOR MOLDED
MOUNTING BUSHING
M1 – .500" (12.7mm)
* 0.014” shaft length
reduced when molded
mounting style applied
* Available for
non switch and
rotary switche models
9 - 9
CTS Electronic Components
www.ctscorp.com
1
A
DIMENSION:
mm
inch
MOUNTING SURFACE
3/8-32 UNEF-2A THRD.
11.1
3.15
.438
.124
050-T450 Metal Shaft, Bushing Mounting, Solder Lug terminals, 050 Switch
* Refer to Ordering Information for switch details
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
11.3
1
2
3
0.4
5.6
9.5
Ø2.4
(4)
1
2
3
13.1
6.7
6.4
HOLES
SWITCH TERMINAL
3.2±0.13
.125±.005
.804
20.4
15.09
.594
MOUNTING SURFACE
±0.4
±.016
“A”
±0.8
±.031
“L”
Ø23.8
.937
.016
1.52
.060
.220
.374
.445
3/8-32 UNEF-2A THRD.
.094
(2)
12.7
.500 MAX
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
11.1
.438
.804
20.4
15.09
.594
"L" ±0.8
±.031
12.7
.500
Ø23.8
.937
Ø23.4
.921
.252
.264
.010 x .126
2.4 x 3.2
.516
TGC-TMG450 Metal Shaft, Bushing Mounting with Insulated Plate, Type “T” Solder Lug Terminals,
TGC Switch
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
* Refer to Ordering Information for switch details
DIMENSION:
mm
inch
6.35
.250
J – SPST
FR-GC
ROTARY
VERNIER ADJUST 5 1/2 turns
01/25/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450TAM1R501A2G2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450TA102BB1 CTS-450TA102BB1 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB1S CTS-450TA102BB1S Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB2 CTS-450TA102BB2 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB2S CTS-450TA102BB2S Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450TA102BB3 CTS-450TA102BB3 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results

Similar Description - 450TAM1R501A2G2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com