Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-65A Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPT-65A
Description  Triple Output Up to 68 Watts AC/DC Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPT-65A Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPT-65A Datasheet HTML 1Page - Wall Industries,Inc. PSPT-65A Datasheet HTML 2Page - Wall Industries,Inc. PSPT-65A Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPT65 Series
Triple Output
Up to 68 Watts
AC/DC Power Supply
DERATING CURVE
STATIC CHARACTERISTICS (B)
MECHANICAL DRAWING
Unit: mm
AC INPUT CONNECTOR (CN1)
Pin. No
Assignment
1
AC/N
2
AC/L
DC OUTPUT CONNECTOR (CN2)
Pin No.
Assignment
1
V2
2,3
+5V
4,5
COM
6
V3
PIN 2: +5V PIN 3,4,5: COM only for PSPT-65D


Similar Part No. - PSPT-65A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPT-45A WALL-PSPT-45A Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT-45B WALL-PSPT-45B Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT-45C WALL-PSPT-45C Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
More results

Similar Description - PSPT-65A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
   Dual Output Up to 45 Watts AC/DC Power Supply
PSPD25 WALL-PSPD25 Datasheet
179Kb / 3P
   Dual Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
   Single Output Up to 48 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
PSPD65 WALL-PSPD65 Datasheet
182Kb / 3P
   Dual Output Up to 65 Watts AC/DC Power Supply
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
   Dual Output Up to 45 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com