|
| PSPW120 |
|
||
|
WALL |
|
2 page
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 PSPW120 Series 120 Watts with PFC 5” x 3” x 1.18” Single Output AC/DC Open Frame Power Supply OUTPUT VOLTAGE /CURRENT RATING CHART MODEL Output Voltage Min Load Max. Output Current (convection cooling) Output Power Output Regulation Ripple & Noise PSPW120B-1Y12P 12 VDC 0A 10A 120W 3% 120mV PSPW120B-1Y15P 15 VDC 0A 8A 120W 2% 150mV PSPW120B-1Y18P 18 VDC 0A 6.67A 120W 2% 180mV PSPW120B-1Y19P 19 VDC 0A 6.32A 120W 2% 190mV PSPW120B-1Y24P 24 VDC 0A 5A 120W 2% 240mV NOTES 1. At 25°C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings. 2. Peak-to-peak with 20mHz bandwidth with a tantalum 10uF capacitor in parallel with a 0.1uF ceramic capacitor. MECHANICAL DRAWING MATCHING CONNECTORS CN1 = AC INPUT MOLEX P/N: 09-65-2029 (OR EQUIVALENT) FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT) CN2 = DC OUTPUT MOLEX P/N: 09-65-2068 (OR EQUIVALENT) FEMALE HOUSING MOLEX P/N: 09-52-4064 (OR EQUIVALENT) |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PSPW60 | 40-60 Watts AC/DC Open Frame Power Supply | 1 2 | Wall Industries,Inc. |
| REL110 | 110 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| REL150 | 150 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| REL185 | 185 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| PSM | Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply | 1 2 | Wall Industries,Inc. |
| PMK150 | 150 Watt Open Frame Switching Power Supply with PFC | 1 2 3 4 | Astrodyne Corporation |
| REL70 | 70 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| PSAQF150O | Open Frame 150 Watt Single Output AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| PS2K4 | With PFC 2400 Watt Single Output AC/DC Switching Power Supply | 1 2 3 4 | Wall Industries,Inc. |
| PSMPS65 | Single Output Up to 65 Watts AC/DC Medical Power Supply | 1 2 3 | Wall Industries,Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |