Part Name
         Description
PSPW120

 120 Watts with PFC AC/DC Open Frame Power Supply ( 2 Page)


WALL
100% 
Zoom Out Zoom In
   
 1 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPW120 Series
120 Watts with PFC
5” x 3” x 1.18” Single Output
AC/DC Open Frame Power Supply
FEATURES
● PFC > 0.9
● Single Output
● Universal AC Input
● Output Voltages from 12 to 24VDC
● 5(L) x 3(W) x 1.18(H) inches (127 x 76.2 x 30 mm)
● Over Voltage/ Over Load/ Short Circuit Protected
SPECIFICATIONS: PSPW120 Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Range……………………………………………….90-264VAC
Input Frequency……………………………………………... 47-63Hz
Input Current………………………... 2.5A max. (RMS) @ 115VAC
Inrush Current………… < 30A peak at 115VAC cold start @ 25°C
…………………………. < 50A peak at 230VAC cold start @ 25°C
OUTPUT SPECIFICATIONS
Output Current……………………………………………… see table
Output Power…………………. 120W max with convection cooling
Output Regulation………………………………………….. see table
Ripple/Noise (20 MHz BW)………………………………………. 1%
Hold-up Time….… 16ms at 120 watt load & 115VAC nominal line
PROTECTION
Short Circuit Protection………………………………... Auto recover
Over Voltage Protection……. Output 110%-130% above following
nominal output.
…………………………………………… Latching type, AC Recycle
Over Load Protection……….. Over load protected @ 105%-150%
above following maximum rating.
GENERAL SPECIFICATIONS
Efficiency……………………………………. 85% typical at full load
Power Factor……………………………………………………...>0.9
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature……….. 0°C to +40°C ambient derate each
output at 2.5% per degree from
+40°C to 60°C
Humidity (non-condensing)……………………………… 5% to 95%
Temperature Coefficient………………………………… ±0.04% / °C
Cooling…………………………………………….. free air convection
MTBF………80,000 hrs at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Weight…………………………………………………………….. 10 oz
Dimensions………………5 x 3 x 1.18 inches (127 x 76.2 x 30 mm)
SAFETY & EMC
Safety Standards………………………………………… UL 60950-1
………………………………………………..CSA C22.2 No. 60950-1
…………………………………………………………TUV EN60950-1
………………………………….……………………...CB IEC 60950-1
EMC Standards…………………………………FCC Part 15 Class B
……………………………………………………… CISPR 22 Class B
……………………………………………………… EN 55022 Class B
………………………………………………………………...EN 55024
………………………………………………….EN 61000-3-2 Class D
…………………………………………………………………………CE
Due to advances in technology, specifications subject to change without notice
5(L) x 3(W) x 1.18(H) inches
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PSPW6040-60 Watts AC/DC Open Frame Power Supply 1 2 Wall Industries,Inc.
REL110110 Watt Open Frame Switching Power Supply with PFC 1 2 3 Astrodyne Corporation
REL150150 Watt Open Frame Switching Power Supply with PFC 1 2 3 Astrodyne Corporation
REL185185 Watt Open Frame Switching Power Supply with PFC 1 2 3 Astrodyne Corporation
PSMOpen Frame 40~65 Watts Single Output AC/DC Medical Power Supply 1 2 Wall Industries,Inc.
PMK150150 Watt Open Frame Switching Power Supply with PFC 1 2 3 4 Astrodyne Corporation
REL7070 Watt Open Frame Switching Power Supply with PFC 1 2 3 Astrodyne Corporation
PSAQF150OOpen Frame 150 Watt Single Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PS2K4With PFC 2400 Watt Single Output AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PSMPS65Single Output Up to 65 Watts AC/DC Medical Power Supply 1 2 3 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl