Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSCD022WT Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSCD022WT
Description  200mA Low Profile Chip Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSCD022WT Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSCD022WT Datasheet HTML 1Page - TAITRON Components Incorporated TSCD022WT Datasheet HTML 2Page - TAITRON Components Incorporated TSCD022WT Datasheet HTML 3Page - TAITRON Components Incorporated TSCD022WT Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. C/AH 2007-12-21
TSCD022WT-TSCD024WTR
200mA Low Profile Chip
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
200mA Low Profile Chip Schottky Rectifier
Features
• Low profile with SMD package
• Low power loss , High efficiency
• High current capability, Low voltage drop
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• RoHS compliant
Mechanical Data
Case:
0603 SMD package, Molded plastic body
Terminals:
Pure Tin plated, solderable per MIL-STD-750, Method 2026
Polarity
Laser cathode band marking
Weight:
0.003 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
TSCD022
WT
TSCD022
WTR
TSCD024
WT
TSCD024
WTR
Unit
Conditions
Marking Code
2D
2D1
4D
4D1
VRRM
Maximum Repetitive Peak Reverse Voltage
20
40
V
VRWM
Maximum Working Peak Reverse Voltage
20
40
V
IF(AV)
Forward Rectified Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
2.0
A
8.3ms single half
sine-wave
TJ
Operating Junction temperature range
-40 to +125
° C
TSTG
Storage Temperature Range
-40 to +125
° C
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
TSCD022
WT
TSCD022
WTR
TSCD024
WT
TSCD024
WTR
Unit
Conditions
VF
Maximum Instantaneous Forward Voltage
Drop
0.45
V
IF= 0.2A
IR
Maximum DC Reverse Current at Rated DC
Blocking Voltage
50
1
*
50
1
*
μA
* VR=10V
C0603
(SOD-523)


Similar Part No. - TSCD022WT

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCD022WS TAITRON-TSCD022WS Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD022WUR TAITRON-TSCD022WUR Datasheet
204Kb / 3P
   200mA Low Profile Chip Schottky Rectifier
More results

Similar Description - TSCD022WT

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSCD022WUR TAITRON-TSCD022WUR Datasheet
204Kb / 3P
   200mA Low Profile Chip Schottky Rectifier
TSCD022WS TAITRON-TSCD022WS Datasheet
243Kb / 4P
   200mA Low Profile Chip Schottky Rectifier
TSCD032WS TAITRON-TSCD032WS Datasheet
236Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCDA12L TAITRON-TSCDA12L Datasheet
184Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
TSCD012WUR TAITRON-TSCD012WUR Datasheet
206Kb / 3P
   100mA Low Profile Chip Schottky Rectifier
TSCD032WT TAITRON-TSCD032WT Datasheet
239Kb / 4P
   300mA Low Profile Chip Schottky Rectifier
TSCD052WS TAITRON-TSCD052WS Datasheet
204Kb / 4P
   500mA Low Profile Chip Schottky Rectifier
TSCDA32 TAITRON-TSCDA32 Datasheet
215Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCDA32L TAITRON-TSCDA32L Datasheet
176Kb / 4P
   3.0A Low Profile Chip Schottky Rectifier
TSCD12WS TAITRON-TSCD12WS Datasheet
270Kb / 4P
   1.0A Low Profile Chip Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com