Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH1A-B12 Datasheet(PDF) 2 Page - Topstek Inc.

Part # TH1A-B12
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TH1A-B12 Datasheet(HTML) 2 Page - Topstek Inc.

  TH1A-B12 Datasheet HTML 1Page - Topstek Inc. TH1A-B12 Datasheet HTML 2Page - Topstek Inc. TH1A-B12 Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Topstek Current Transducer TH3A .. TH50A
- 39 -
www.topstek.com
TH
V080201
7/1/2008
max
Primary
Secondary pins 4x(0.5x0.25)
Positive current flow direction
4-6A
0.8
1.2
2.2
1.4
1.8
1.2
1.6
13-18.5A
1.2
10-12.5A
e(mm)
6-9A
1.0
Part
Number
1-3A
d(mm)
0.6
PCB mounting hole layout
I -
-15V
Vout
0V
I +
Pin Assignment
+15V
2.4
1.6
20-30A
Bottom View
Appearance, dimensions and pin identification for TH3A .. TH30A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - TH1A-B12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
[Old version datasheet]   Thermal Cut-out
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
   Temperature Datalogger
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
VITALCONN ELECTRONICS H...
TH12010S1 VITALCONN-TH12010S1 Datasheet
264Kb / 1P
   10/100 PC CARD MAGNETIC MODULE
More results

Similar Description - TH1A-B12

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com