Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK37.5A Datasheet(PDF) 2 Page - Topstek Inc.

Part # TK37.5A
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TK37.5A Datasheet(HTML) 2 Page - Topstek Inc.

  TK37.5A Datasheet HTML 1Page - Topstek Inc. TK37.5A Datasheet HTML 2Page - Topstek Inc. TK37.5A Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Topstek Current Transducer TK3A .. TK50A
- 63 -
www.topstek.com
TK
V080201
7/1/2008
1.2
0.8
TK5A TK6A
0.8
1.2
2.4
1.6
2.2
1.4
1.8
1.4
2.2
1.2
1.8
1.2
1.2
1.6
TK20A
TK18.5A
TK15A
1.2
TK12.5A
TK10A
e(mm)
TK7.5A
1.0
0.8
TK4A
Part
Number
TK3A
d(mm)
0.6
3A to 20A PCB mounting hole layout
max
max
Secondary pins 4x(0.5x0.3)
Primary
I -
-15V
Vout
0V
I +
Pin Assignment
+15V
Bottom View
Appearance, dimensions and pin identification for TK3A .. TK20A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - TK37.5A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK370A60F TOSHIBA-TK370A60F Datasheet
400Kb / 10P
   MOSFETs Silicon N-Channel MOS
2018-11-20 Rev.1.0
More results

Similar Description - TK37.5A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com