Part Name
         Description
PSRL0402M

 400 Watt with Airflow Single Output Medical Approved AC/DC Medical Power Supply with Active PFC ( 4 Page)


WALL
100% 
Zoom Out Zoom In
   
 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0402M Series
400 Watt with Airflow
Single Output Medical Approved
AC/DC Medical Power Supply with Active PFC
I/O CONNECTOR PIN ASSIGNMENT
Input Connector(CN1):
PSRL0402MU Series: mating Molex Part No. 09-91-0700 equivalent (7 pin, 5 used), or Howder Terminal block Part No. HD-121-3P.
PSRL0402ME Series: IEC320 or equivalent Snap-in mounting type or DINKLE Terminal block Part No. DT-35-A02W-03 (3 pin).
Output Connector (CN2):
Mating Molex 16 pins (09-91-1600), or Howder (HD-121-6P) M3.5, 8 pins terminal block, 9.5MM Center.
Output Pin Assignment:
(See table)
Logic signal connectors (CN3):
Mating JST XHP-9 or equivalent (CHYAO SHIUNN JS-2001-09) Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
Mounting Inserts:
6-32, M4 4 Places individually with maximum penetration 0.15 inches on bottom side and 0.25 inch on both sides
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PSRL0402400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSRL0402-I400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSRL0402D400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSRL0402DM400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSPRL9802Active PFC 200 Watt Single Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PSPSP500500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply 1 2 3 4 5 Wall Industries,Inc.
PSPSP10001000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PSPSP15001500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PS2K4With PFC 2400 Watt Single Output AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PSPRL9802DActive PFC 200 Watt Dual Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl