Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL5016U3-36 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL5016U3-36
Description  Active PFC 300 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5016U3-36 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL5016U3-36 Datasheet HTML 1Page - Wall Industries,Inc. PSRL5016U3-36 Datasheet HTML 2Page - Wall Industries,Inc. PSRL5016U3-36 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5016U3 Series
Active PFC
300 Watt Single Output
AC/DC Switching Power Supply
FEATURES
● 2 Year Warranty
● Optional Top Cover Available
● Universal AC Input / Full Range
● Remote Sense & Remote On/Off
● High Power Density: 7.15 Watts/cu in.
● Power Factor Corrected to EN61000-3-2 Class D
● Approved to UL/CUL/TUV/CB/CE & Class B Emissions
● Providing Peak Power 700W within 500uS Duty Duration
● U-Chassis & Enclosed with Built-in Fan Mechanical Options
● Protections: Short Circuit/ Overload/ Over Voltage/ Over Temp
SPECIFICATIONS: PSRL5016U3 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC Full Range
Input Frequency
47 to 63Hz
Input Current
5A at 90VAC full load
Inrush Current
35A max @ 230VAC with full load and cold start.
Leakage Current
1.5mA @ 240VAC
Remote ON/OFF
Defined INH (Pin 4) on CON3, requiring a TTL low signal to inhibit output.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
300 Watts max with airflow. (See Note 2)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
±1%
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-On & Off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
Remote Sense
Designated as V1S+ (Pin1) and V1S- (Pin2) on the CON3. Voltage compensates for up to 0.5V line drop.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 85°C and automatic recovery.
Over-Power Protection
Hiccup mode 110-140% and auto-recovery.
Input Voltage Protection
Power shut down under 80 ±5VAC, and recovered over 86VAC.
Input Circuit Protection (Primary)
One 250V/ 8A fuse inserted.
GENERAL SPECIFICATIONS
Efficiency
80% minimum (Measuring at 230VAC and full load).
Withstand Voltage
1500 VAC input line to chassis (10mA DC cut off current); 3000VAC between primary and secondary
windings. Primary to core 1500VAC. All for 3 seconds.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Active power factor correction meets EN61000-3-2 class D.
Power Good
Designated as PG on the CON3 will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max allowable resistance is 0.1 ohm.
LED Display
Bi-color LED1 emit green for Power On and emit orange when protection is enabled or INH is applied a low
signal.
PSRL5016U3 Series: (U-Chassis): 7(L) x 4(W) x 2(H) inches
PSRL5016E3 Series: (Enclosed with built-in fan): 8(L) x 4(W) x 2(H) inches


Similar Part No. - PSRL5016U3-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016U3-36 WALL-PSRL5016U3-36 Datasheet
179Kb / 3P
   AC/DC Switching Power Supply
More results

Similar Description - PSRL5016U3-36

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
   Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
   75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
   1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
   500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com