Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TES600 Datasheet(PDF) 1 Page - Topstek Inc.

Part # TES600
Description  Topstek Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TES600 Datasheet(HTML) 1 Page - Topstek Inc.

  TES600 Datasheet HTML 1Page - Topstek Inc. TES600 Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TES50A .. TES600A
- 32 -
www.topstek.com
TES
V080201
7/1/2008
TES 50A~600A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TES
50
TES
75
TES
100
TES
125
TES
150
TES
175
TES
200
TES
250
TES
300
TES
450
TES
600
Nominal Input Current
Ifn
A DC
50
75
100
125
150
175
200
250
300
400
600
Linear Range
Ifs
A DC
±150
±225
±300
±375
±450
±525
±600
±750
±900 ±1000 ±1000
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±15 mA max
Response Time (90%Vhn)
Tr
Psec
7
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.05 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within
±1.0 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
50g


Similar Part No. - TES600

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES-1 TRACOPOWER-TES-1 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
logo
ORing Industrial Networ...
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
    5-port unmanaged Ethernet switch
TES-180-M12 ORING-TES-180-M12 Datasheet
414Kb / 4P
   Compact Size 8-port unmanaged Ethernet switch
More results

Similar Description - TES600

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TESN50A TOPSTEK-TESN50A Datasheet
103Kb / 2P
   Topstek Current Transducers
TP25A TOPSTEK-TP25A Datasheet
106Kb / 2P
   Topstek Current Transducers
TW25A TOPSTEK-TW25A Datasheet
122Kb / 2P
   Topstek Current Transducers
TEGA40A TOPSTEK-TEGA40A Datasheet
102Kb / 2P
   Topstek Current Transducers
TPH25A TOPSTEK-TPH25A Datasheet
154Kb / 2P
   Topstek Current Transducers
TPW25A TOPSTEK-TPW25A Datasheet
158Kb / 2P
   Topstek Current Transducers
TN40A TOPSTEK-TN40A Datasheet
112Kb / 2P
   Topstek Current Transducers
TE50A TOPSTEK-TE50A Datasheet
105Kb / 2P
   Topstek Current Transducers
TD25A TOPSTEK-TD25A Datasheet
98Kb / 2P
   Topstek Current Transducers
logo
DIWELL Electronics Co.,...
TESN35A DIWELL-TESN35A Datasheet
430Kb / 3P
   Topstek Current Transducers TESN35A
10/11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com