Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA37.5A Datasheet(PDF) 3 Page - Topstek Inc.

Part # TA37.5A
Description  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TA37.5A Datasheet(HTML) 3 Page - Topstek Inc.

  TA37.5A Datasheet HTML 1Page - Topstek Inc. TA37.5A Datasheet HTML 2Page - Topstek Inc. TA37.5A Datasheet HTML 3Page - Topstek Inc. TA37.5A Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Topstek Current Transducer TA5A4V .. TA50A4V
- 10 -
www.topstek.com
TA
V080201
7/1/2008
Appearance, dimensions and pin identification for 37.5A to 50A models
All dimensions in mm ±0.1, holes –0, +0.2 except otherwise noted
x
Pin Assignment
I-
I+
0V
VOUT
-15V
+15V
Model number and date code marking
2.2x4.9
hole
(mm)
d1xd2
(mm)
1.6x2.5
1.7
a*
(mm)
TA37.5A
Part
Number
TA37.5A..TA50A PCB mounting hole layout
2.2x4.9
1.6x2.5
1.7
TA50A


Similar Part No. - TA37.5A

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
   Max. load 12,000N (push)
20210910-L
logo
Transko Electronics, In...
TA370AP TRANSKO-TA370AP Datasheet
311Kb / 4P
   Wireless, RF SAW Filter
Revision 0: December 2011
TA374AP TRANSKO-TA374AP Datasheet
304Kb / 4P
   CDMA, RF-Tx SAW Filter
Revision 2: June 2004
logo
Pico Technology Ltd.
TA375 PICO-TA375 Datasheet
6Mb / 28P
   PC oscilloscopes and MSOs
TA375 PICO-TA375 Datasheet
5Mb / 21P
   Crystal-clear waveform analysis
More results

Similar Description - TA37.5A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com