Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V221LH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFC1V221LH
Description  Aluminum Electrolytic Capacitors/FC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V221LH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFC1V221LH Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V221LH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W.V.(V.DC)
6.3 V to 35V
50V
63V
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
20
°C
-10
°C
20
°C
-10
°C
20
°C
-10
°C
Case size
(
φD×L)
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
×
4
5
6.3
4
5
5
6.3
6.3
8
8
8
10
10
10
10
10
12.5
12.5
12.5
12.5
12.5
12.5
16
16
16
16
16
16
18
18
18
18
18
18
7
7
7
11
11
15
11.2
15
11.5
15
20
12.5
16
20
25
30
15
20
25
30
35
40
15
20
25
31.5
35.5
40
15
20
25
31.5
35.5
40
2.00
0.95
0.45
1.30
0.80
0.50
0.35
0.25
0.117
0.085
0.065
0.090
0.068
0.052
0.045
0.035
0.065
0.038
0.030
0.025
0.022
0.018
0.043
0.029
0.022
0.018
0.016
0.015
0.038
0.028
0.020
0.016
0.015
0.014
5.00
2.40
1.20
2.60
1.60
1.00
0.700
0.500
0.234
0.170
0.130
0.180
0.136
0.104
0.090
0.070
0.130
0.076
0.060
0.050
0.044
0.036
0.086
0.058
0.044
0.036
0.032
0.030
0.076
0.056
0.040
0.032
0.030
0.028
65
120
200
120
175
235
290
400
555
730
995
765
1050
1220
1440
1815
1205
1655
1945
2310
2510
2655
1690
2205
2555
3010
3150
3360
2000
2490
2740
3635
3680
3735
-
-
-
2.50
2.4
❉1
1.3
❉2
0.90
0.60
0.40
0.234
0.155
0.120
0.160
0.119
0.090
0.082
0.060
0.110
0.063
0.050
0.040
0.034
0.030
0.080
0.048
0.034
0.028
0.025
0.023
0.068
0.042
0.029
0.025
0.023
-
-
-
-
5.00
4.8
❉1
2.6
❉2
1.80
1.20
0.80
0.468
0.310
0.240
0.324
0.238
0.180
0.164
0.120
0.220
0.126
0.100
0.080
0.068
0.060
0.160
0.096
0.068
0.056
0.050
0.046
0.136
0.084
0.058
0.050
0.046
-
-
-
-
90
❉3
❉3
215
260
360
485
635
860
615
850
1030
1200
1610
1150
1480
1832
2215
2285
2590
1610
1835
2235
2700
2790
2845
1900
2420
2610
3000
3100
-
-
-
-
3.50
2.00
1.30
1.00
0.70
0.342
0.230
0.178
0.256
0.194
0.147
0.130
0.090
0.150
0.085
0.070
0.055
0.047
0.042
0.090
0.059
0.050
0.043
0.036
0.030
0.086
0.055
0.043
0.032
0.030
0.025
-
-
-
7.00
4.00
2.60
2.00
1.40
0.684
0.460
0.356
0.512
0.368
0.294
0.260
0.180
0.300
0.170
0.140
0.110
0.094
0.084
0.180
0.118
0.100
0.080
0.072
0.060
0.172
0.110
0.086
0.064
0.060
0.050
-
-
-
80
145
200
240
330
405
535
690
535
600
885
1050
1300
1020
1285
1720
2090
2265
2560
1410
1765
2160
2670
2770
2825
1690
2290
2585
2950
3095
3205
❉1; Apply to 1µF
❉2; Apply to 2.2, 3.3, 4.7, 10L, 12, 18, and 22µF
❉3
Case size
φ D×L (mm)
Capacitance
(µF)
Impedance
Ω/100kHz
20
°C
-10
°C
Ripple Current
mA r.m.s
/100 kHz
5
×11
1.0
2.2
3.3
4.7
10L
12
15
18
22
2.40
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
4.80
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
20
45
65
95
125
135
145
155
155
Case size/ Impedance/ Ripple Current
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
Impedance
Ω /100kHz
Ripple
Current
mA r.m.s.
/100 kHz
Aluminum Electrolytic Capacitors/FC


Similar Part No. - EEUFC1V221LH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1V221L PANASONIC-EEUFC1V221L Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1V221L PANASONIC-EEUFC1V221L Datasheet
150Kb / 10P
   Radial Lead Type
More results

Similar Description - EEUFC1V221LH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com