Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGD34A Datasheet(PDF) 1 Page - Topstek Inc.

Part # TGD34A
Description  Topstek Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TGD34A Datasheet(HTML) 1 Page - Topstek Inc.

  TGD34A Datasheet HTML 1Page - Topstek Inc. TGD34A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer TGD3A .. TGD40A
- 36 -
www.topstek.com
TGD
V080708
7/8/2008
TGD 3A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight, Two sensors in one package
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (22 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol
Unit
TGD3A .. TGD40A
Nominal Input Current
Ifn
A DC
3 .. 40
Linear Range
Ifs
A DC
±3.75 .. ±50 = 1.25x Ifn
Nominal Output Voltage
Vhn
V
VCC/2 ±1.5V at If=±Ifn ( RL=10k)
Nominal Output Voltage Accuracy
mV
Within ±45mV
Offset Voltage
Vos
mV
VCC/2 ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Supply Voltage
VCC
V
+5V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
+22 mA nominal, +30 mA max
Response Time (90%Vhn)
Tr
Psec
5
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of Zero Current Offset
-
mV/°C
Within
±2 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance @ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
8 g


Similar Part No. - TGD34A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TGD TOPSTEK-TGD Datasheet
99Kb / 2P
   Topstek Current Transducer TGD3A .. TGD40A
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
logo
Vishay Siliconix
TGD50 VISHAY-TGD50 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
More results

Similar Description - TGD34A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com