Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH42A-B12 Datasheet(PDF) 3 Page - Topstek Inc.

Part # TH42A-B12
Description  Topstek Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TH42A-B12 Datasheet(HTML) 3 Page - Topstek Inc.

  TH42A-B12 Datasheet HTML 1Page - Topstek Inc. TH42A-B12 Datasheet HTML 2Page - Topstek Inc. TH42A-B12 Datasheet HTML 3Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Topstek Current Transducer TH3A .. TH50A
- 40 -
www.topstek.com
TH
V080201
7/1/2008
Positive current flow direction
e(mm)
TH50A
Part
Number
TH37.5A
d(mm)
PCB mounting hole layout
max
Secondary pins 4x(0.5x0.25)
I -
-15V
Vout
0V
I +
Pin Assignment
+15V
2.0x6
2.0x6
Bottom View
1.3x5
1.3x5
Primary
Appearance, dimensions and pin identification for TH37.5A .. TH50A models
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - TH42A-B12

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TH420J34G AMPHENOL-TH420J34G Datasheet
95Kb / 8P
   Thermometrics
TH423J41G AMPHENOL-TH423J41G Datasheet
95Kb / 8P
   Thermometrics
More results

Similar Description - TH42A-B12

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
TA5A4V TOPSTEK-TA5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com