Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF16 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TSF16
Description  1.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF16 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TSF16 Datasheet HTML 1Page - TAITRON Components Incorporated TSF16 Datasheet HTML 2Page - TAITRON Components Incorporated TSF16 Datasheet HTML 3Page - TAITRON Components Incorporated TSF16 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0A Super Fast Recovery Rectifier
Rev. A/DX 2007-06-04
TSF11 – TSF16
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
TSF11
TSF12
TSF13
TSF14
TSF15
TSF16
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
0.95
1.25
V
IF=1.0 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA=100° C
Trr
Typical Reverse
Recovery Time
35
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
50
25
pf
VR=4V, f=1MHz
TJ
Operating
Temperature range
-55 to +125
TSTG
Storage Temperature
Range
-55 to +150
° C


Similar Part No. - TSF16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF16 ETC1-TSF16 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Similar Description - TSF16

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF11 DIODES-SF11 Datasheet
58Kb / 2P
   1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
   1.0A SUPER-FAST RECTIFIER
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com