Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF22 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TSF22
Description  2.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF22 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSF22 Datasheet HTML 1Page - TAITRON Components Incorporated TSF22 Datasheet HTML 2Page - TAITRON Components Incorporated TSF22 Datasheet HTML 3Page - TAITRON Components Incorporated TSF22 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TSF21 – TSF26
2.0A Super Fast
Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
2.0A Super Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-15, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.40 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TSF21
TSF22
TSF23
TSF24
TSF25
TSF26
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
150
200
300
400
V
VRMS
Maximum RMS Voltage
35
70
105
140
210
280
V
VDC
Maximum DC Blocking
Voltage
50
100
150
200
300
400
V
IAV
Maximum Average
Forward Rectified
Current
2.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
75
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
DO-15


Similar Part No. - TSF22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF22 ETC1-TSF22 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
More results

Similar Description - TSF22

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF21 DIODES-SF21 Datasheet
53Kb / 2P
   2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
logo
DONGGUAN YOU FENG WEI E...
D3K203SF YFWDIODE-D3K203SF Datasheet
267Kb / 3P
   2.0A Super Fast Recovery Rectifier Bridge
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
   2.0A SUPER-FAST RECTIFIER
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Sangdest Microelectroni...
SF21 SMC-SF21 Datasheet
185Kb / 4P
   2.0A SUPER- FAST RECTIFIER
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com