Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258L Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V53C16258L
Description  HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258L Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V53C16258L Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
5
6
7
8
9
10
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16258L-03
43
44
42
41
40
39
38
37
36
35
13
14
15
16
17
18
19
20
21
22
32
31
30
29
28
27
26
25
24
23
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
FAMILY
DEVICE
PKG
( tRAC)
SPEED
PWR.
V
5
3
C
2
5
8
35 (35 ns)
40 (40 ns)
45 (45 ns)
50 (50 ns)
TEMP.
BLANK (0
°C to 70°C)
BLANK (NORMAL)
K (SOJ)
L (3.3V)
T (TSOP-II)
L
S (Standard Self Refresh)
S
16
16258L-01
5
6
7
8
9
10
11
12
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16258L-02
39
40
38
37
36
35
34
33
32
31
30
29
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
Pin Names
A0–A8
Address Inputs
RAS
Row Address Strobe
UCAS
Column Address Strobe/Upper
Byte Control
LCAS
Column Address Strobe/Lower
Byte Control
WE
Write Enable
OE
Output Enable
I/O1–I/O16
Data Input, Output
VCC
+3.3V Supply
VSS
0V Supply
NC
No Connect
40/44 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
40-Pin Plastic SOJ
PIN CONFIGURATION
Top View
Part Name
Self Refresh
Supply Voltage
Package
Speed
V53C16258SLKxx
Standard Self Refresh (8ms)
3.3V
SOJ
35/40/45/50
V53C16258SLTxx
Standard Self Refresh (8ms)
3.3V
TSOP
35/40/45/50
V53C16258LKxx
No Self Refresh
3.3V
SOJ
35/40/45/50
V53C16258LTxx
No Self Refresh
3.3V
TSOP
35/40/45/50


Similar Part No. - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK25 MOSEL-V53C16258HK25 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK30 MOSEL-V53C16258HK30 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK35 MOSEL-V53C16258HK35 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK40 MOSEL-V53C16258HK40 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
   HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com