Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C16258L Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V53C16258L
Description  HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258L Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V53C16258L Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 10Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 11Page - Mosel Vitelic, Corp V53C16258L Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
V53C16258L Rev. 1.1 June 1999
MOSEL VITELIC
V53C16258L
Truth Table
Notes:
1.
Byte Write cycles LCAS or UCAS active.
2.
Byte Read cycles LCAS or UCAS active.
3.
Only one of the two CAS must be active (LCAS or UCAS).
Function
RAS
LCAS
UCAS
WE
OE
ADDRESS
I/O
Notes
Standy
H
H
H
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL
Data Out
Read: Lower Byte
L
L
H
H
L
ROW/COL
Lower Byte, Data-Out
Upper Byte, High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-Out
Write: Word (Early-Write)
L
L
L
L
X
ROW/COL
Data-In
Write: Lower Byte (Early)
L
L
H
L
X
ROW/COL
Lower Byte, Data-In
Upper Byte, High-Z
Read: Upper Byte (Early)
L
H
L
L
X
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-In
Read-Write
L
L
L
H
→L
L
→H
ROW/COL
Data-Out, Data-In
1,2
EDO Page-Mode Read
L
H
→L
H
→L
H
L
COL
Data-Out
2
EDO Page-Mode Write
L
H
→L
H
→L
L
X
COL
Data-In
2
EDO Page-Mode Read-Write
L
H
→L
H
→L
H
→L
L
→H
COL
Data-Out, Data-In
1,2
Hidden Refresh Read
L
→H→L
L
L
H
L
ROW/COL
Data-Out
2
RAS-Only Refresh
L
H
H
X
X
ROW
High-Z
CBR Refresh
H
→L
L
L
X
X
X
High-Z
3
Self Refresh
H
→L
L
L
X
X
X
High-Z


Similar Part No. - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK25 MOSEL-V53C16258HK25 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK30 MOSEL-V53C16258HK30 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK35 MOSEL-V53C16258HK35 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258HK40 MOSEL-V53C16258HK40 Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
More results

Similar Description - V53C16258L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258H MOSEL-V53C16258H Datasheet
556Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C832L MOSEL-V53C832L Datasheet
178Kb / 18P
   HIGH PERFORMANCE 3.3 VOLT 256K X 32 EDO PAGE MODE CMOS DYNAMIC RAM
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com