Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62E65B Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST62E65B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E65B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST62E65B Datasheet HTML 3Page - STMicroelectronics ST62E65B Datasheet HTML 4Page - STMicroelectronics ST62E65B Datasheet HTML 5Page - STMicroelectronics ST62E65B Datasheet HTML 6Page - STMicroelectronics ST62E65B Datasheet HTML 7Page - STMicroelectronics ST62E65B Datasheet HTML 8Page - STMicroelectronics ST62E65B Datasheet HTML 9Page - STMicroelectronics ST62E65B Datasheet HTML 10Page - STMicroelectronics ST62E65B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7/74
ST62T55B ST62T65B/E65B
1.3 MEMORY MAP
1.3.1 Introduction
The MCU operates in three separate memory
spaces: Program space, Data space, and Stack
space. Operation in these three memory spaces is
described in the following paragraphs.
Briefly, Program space contains user program
code in OTP and user vectors; Data space con-
tains user data in RAM and in OTP, and Stack
space accommodates six levels of stack for sub-
routine and interrupt service routine nesting.
Figure 3. Memory Addressing Diagram
PROGRAM SPACE
PROGRAM
INTERRUPT &
RESET VECTORS
ACCUMULATOR
DATA RAM
BANK SELECT
WINDOW SELECT
RAM
X REGIST ER
Y REGIST ER
V REGIST ER
W REGISTER
DATA READ-ONLY
WINDOW
RAM / EEPROM
BANKING AREA
000h
03Fh
040h
07Fh
080h
081h
082h
083h
084h
0C0h
0FFh
0-63
DATA SPACE
0000h
0FF0h
0FFFh
MEMORY
MEMORY
DATA READ-ONLY
MEMORY
7


Similar Part No. - ST62E65B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62E65B STMICROELECTRONICS-ST62E65B Datasheet
98Kb / 2P
   GANG PROGRAMMERS FOR ST62 MCU FAMILY
More results

Similar Description - ST62E65B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T32B STMICROELECTRONICS-ST62T32B Datasheet
586Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T30B STMICROELECTRONICS-ST62T30B_03 Datasheet
1Mb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com