Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD-3P4C-302 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MCD-3P4C-302
Description  InGaAs PIN PHOTODIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MCD-3P4C-302 Datasheet(HTML) 2 Page - Unity Opto Technology

  MCD-3P4C-302 Datasheet HTML 1Page - Unity Opto Technology MCD-3P4C-302 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unity Opto Technology Co., Ltd.
For prototype and Production call
10 F, No. 88-8, Sec. 1, Kuang-Fu Rd.
,
TEL: 886 - 2 -2999 - 3988
Sanchung City, 241 Taipei, Taiwan
FAX: 886 - 2 -2999 – 3910
REV.:A1
3/5/2003
Absolute Maximum Ratings (Tc = 25 OC)
Parameter
Symbol
Rated Value
Unit
Reverse Voltage
V
20
V
Forward Current
IF
2
mA
Reverse Current
IR
1
mA
Operating case temperature
Top
- 40 to +85
O
C
Storage temperature
T
STG
- 40 to +85
O
C
Optical & Electrical Characteristics (Tc = 25 OC)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
-
100
-
um
Detection Range
1000
1310
1600
nm
Responsivity
R
VR=5V, λ =1300nm
0.8
0.85
-
A/W
Dark Current
Id
VR=5V
-
-
1.0
nA
Capacitance
C
VR=5V,f=1MHZ
-
1.0
1.4
PF
Bandwidth
BW
VR=5V,P=1mW
2
-
-
GHZ
Package Dimensions
Pin Connections ( Bottom View )
NOTE: Specifications are subjected to change without notice.
(3) PD (-)
MCD-3P4C-302
Unit: mm
Unit: mm
(2)
O
CASE
PD (+) (1)
PD (+)
PD (-)


Similar Part No. - MCD-3P4C-302

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
MCD-3P4C-332 UOT-MCD-3P4C-332 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
More results

Similar Description - MCD-3P4C-302

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
   InGaAs PIN photodiodes
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
   InGaAs PIN photodiodes
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
   InGaAs PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-1100 OPTOWAY-PD-1100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-1110 OPTOWAY-PD-1110_09 Datasheet
122Kb / 3P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12182 HAMAMATSU-G12182_15 Datasheet
513Kb / 6P
   InGaAs PIN photodiodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com