Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-691TUOL Datasheet(PDF) 4 Page - Unity Opto Technology

Part # MVL-691TUOL
Description  OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-691TUOL Datasheet(HTML) 4 Page - Unity Opto Technology

  MVL-691TUOL Datasheet HTML 1Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 2Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 3Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 4Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 5Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 6Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 7Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 8Page - Unity Opto Technology MVL-691TUOL Datasheet HTML 9Page - Unity Opto Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Part Numbering Scheme
MVL-6
A
B
C
D
where A = Leadframe Orientation
where C = Color Option
and Package Dimension
"UROK" = 632 nm Ultra Red
"3" = Parallel Leadframe (3.10 X 3.95 mm)
"NUOL" = 625 nm Red
"5" = Parallel Leadframe ( 4.26 X 5.06 mm )
"UOL" = 625 nm Red
"6" = Perpendicular Leadframe (4.70 X 5.70 mm)
"TUOL" = 625 nm Red
"7" = Parallel Leadframe ( 3.80 X 5.20 mm )
"SO" = 605 nm Orange
"8" = Parallel Leadframe ( 4.56 X 5.20 mm )
"UYL" = 590 nm Amber
"9" = Perpendicular Leadframe ( 4.60 X 5.60 mm )
"TUYL" = 590 nm Amber
"UG" = 573 nm Green
"HTG / UTG" = 525 mm True Green
"HB / UB" = 470 mm Blue
where B = Package Color
where D = Standoff Option
"1" = color diffuse
"N/A" = Without
"2" = diffuse
"-S" = With Stopper
"3" = Matching Color
"4" = Water Clear
Absolute Maximum Ratings at TA=25
oC
"UROK"
"UOL"
"SO"
"UYL"
"HTG"
"UTG"
"TUOL"
"HB"
"UB"
"TUYL"
"UG"
mA
mW
mA
V
oC
oC
V
30
125
100
50
105
100
-40 to + 100
N/A
-30 to + 100
300
NOTE1
-40 to + 100
N/A
5
-20 to + 85
5
-20 to + 80
5
-20 to + 85
Storage Temp
Solder Temperature
Peak Forward Current(1/10 Duty Cycle 100
µs pulse width)
Electrostatic Discharge Threshold
DC Forward Current
Reverse Voltage (IR=100µA)
Operating Temp Range
Power Dissipation
1000
30
125
100
260
oC for 5 seconds
[ 1.5mm ( 0.06 in. ) below seating plane ]
Parameter
Units
InGaN
InGaN
5
-20 to + 80
-30 to + 100
100
AlInGaP
AlInGaP
30
70
"NUOL"
Notes: 1. Product resistance to electrostatic discharge (ESD) is measured by simulating ESD using a rapid avalanche energy test (RAET).
The RAET procedures are designed to approximate the maximum ESD ratings shown. Seller gives no other assurances regarding
the ability of Products to withstand ESD.
4


Similar Part No. - MVL-691TUOL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-663BK-S UOT-MVL-663BK-S Datasheet
31Kb / 2P
   ELLIPSE (4.7X5.7) PACKAGE SOLID STATE LAMP
MVL-663SGK-S UOT-MVL-663SGK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TGK-S UOT-MVL-663TGK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TUOLK-S UOT-MVL-663TUOLK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-663TUYLK-S UOT-MVL-663TUYLK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
More results

Similar Description - MVL-691TUOL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com