Part Name
         Description
PSRL5017R3-I

 Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply ( 3 Page)


WALL
100% 
Zoom Out Zoom In
   
 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5017R3-
I Series
Up to 300 Watts
Single Output with Active PFC
Forced Current Sharing Series
AC/DC Switching Power Supply
MECHANICAL DRAWINGS
PSRL5017RU3-
I Series (U-Chassis Type): 8(L) x 4.33(W) x 2.5(H) inches; Weight: 1350g; Option: Top Cover.
I/O CONNECTOR PIN ASSIGNMENT
AC Input Connector (CN1):
Enclosed Type: IEC320 or equivalent Snap-in mounting type or DINKLE Terminal block Part No. DT-35-A02W-03 (3 pin).
U-Chassis Type: Mating Molex Part No. 09-91-0700 or equivalent (7 pin. 5 used) or Howder Terminal block Part No. HD-121-3P.
Output Connector (CN2):
Mating Molex Part No. 09-91-2000 (20 pin) or Howder Terminal block Part No. HD-121-8P (8 pin).
Output Pin Assignment:
Optional two types - Molex: VO+ ( Pins 1-10 ), VO- ( Pins 11-20); Howder: VO+ ( Pins 1-4 ), VO- ( Pins 5-8).
Logic signal connectors (CN3):
Mating JST XHP-7 or equivalent (CHYAO SHIUNN JS-2001-07).
Fan Drive:
12VDC/500mA Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).
Mounting Inserts:
6-32, M4 4 Places individually with maximum penetration 0.2 inch on bottom side and 0.25 inch on both sides.
Output Pin Connection
Howder
Molex
Vo+
Pins 1 – 4
Pins 1 – 10
Vo-
Pins 5 – 8
Pins 11 – 20
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PSRL0402-I400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSRL0402M-I400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PSRL5017R3Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PSRL0501Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PS2K02000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PS600600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PSRL5016E3Active PFC 300 Watt Single Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PSRL5016U3Active PFC 300 Watt Single Output AC/DC Switching Power Supply 1 2 3 Wall Industries,Inc.
PSRL0402400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.
PS1K21200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl