Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL5017R5 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL5017R5
Description  Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5017R5 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL5017R5 Datasheet HTML 1Page - Wall Industries,Inc. PSRL5017R5 Datasheet HTML 2Page - Wall Industries,Inc. PSRL5017R5 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5017R5 Series
Up to 500 Watts
Single Output with Active PFC
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
GENERAL SPECIFICATIONS (CONTINUED)
Current Sharing
Designated as CSH on the CN3, optional single wired for forced current sharing function and parallel up to 4
units within 10% accuracy at full load.
Current Monitor
Designated as CMN on the CN3 is a 0.5V to 3VDC output voltage to represent 0% to 100% output current.
LED Display
Bi-color LED1 emit Green for Power On and emit Orange when protection is enabled or RSW is applied a low
signal.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration 7.35 m/(s x s) on X, Y, and Z axis.
Cooling
U Type (U-Chassis): 30CFM to achieve maximum power for all models except PSRL5017R3 Series which is
convection cooled.
E Type (Enclosed with built-in fan): Self cooled by built-in fan.
MTBF
150,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 1350 grams
E Type (Enclosed with built-in fan): 1450 grams
Dimensions
U Type (U-Chassis): 8(L) x 4.33(W) x 2.5(H) inches.
E Type (Enclosed with built-in fan): 9.17(L) x 4.25(W) x 2.5(H) inches.
Warranty
2 years
SAFETY
Emissions
FCC part15, CISPR 22 Class B, Conducted.
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark (LVD) EN61000-3-2,3, and
IEC61000-4 Series Regulations and CB.
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage
Range
Preset
Voltage
Output
Current
Regulation Ripple & Noise
Output Power
PSRL5017Rx5-03(
I)
2 – 3.3 VDC
3.3 VDC
80A
±1%
75mV
264W
PSRL5017Rx5-05(
I)
5 – 6 VDC
5 VDC
80A
±1%
75mV
400W
PSRL5017Rx5-12(
I)
12 – 15 VDC
12 VDC
41.67A
±1%
±1%
500W
PSRL5017Rx5-16(
I)
16 – 21 VDC
18 VDC
31.25A
±1%
±1%
500W
PSRL5017Rx5-24(
I)
22 – 30 VDC
24 VDC
22.73A
±1%
±1%
500W
PSRL5017Rx5-36(
I)
31 – 47 VDC
36 VDC
16.13A
±1%
±1%
500W
PSRL5017Rx5-48(
I)
48 – 56 VDC
48 VDC
10.42A
±1%
±1%
500W
NOTES
1. The PSRL5017R5 Series is designated as PSRL5017Rxw-yz where x = U (U-chassis type) or E (Enclosed with built-in fan type),
w = 5 for output power from 264W - 500W, y = 03, 05, 12, 16, 24, 36, or 48 for output voltage, and z can be blank or
I where I denotes
forced current sharing option (output with internal OR-ring diode). See PSRL5017R-
I Series for forced current sharing.
2. All output ranges are covered in agency certifications and preset voltage will be set as standard models. If any request is not preset
output, then please contact us in advance.
3. U-Chassis type needs external forced airflow min. 30CFM to achieve maximum power, except PSRL5017RU3-yz which is convection
cooled.
4. Ripple & noise are measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1uF ceramic and 22uF electrolytic capacitors.
5. Providing peak power to 900W within 500uS for all models, longer duty duration need contact manufacturer.
6. 1% minimum load is required to maintain the ripple and regulation.
7. Cover is optional for U-Chassis Type. Please call factory for ordering details.
8. Output is fully isolated.


Similar Part No. - PSRL5017R5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
More results

Similar Description - PSRL5017R5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
   Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSSP500 WALL-PSSP500 Datasheet
164Kb / 3P
   Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
PSRL5017R8-NI WALL-PSRL5017R8-NI Datasheet
424Kb / 4P
   Up to 800 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R6-I WALL-PSRL5017R6-I Datasheet
341Kb / 3P
   Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R3-I WALL-PSRL5017R3-I Datasheet
210Kb / 3P
   Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com