Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSP-75-24 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSSP-75-24
Description  75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP-75-24 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSSP-75-24 Datasheet HTML 1Page - Wall Industries,Inc. PSSP-75-24 Datasheet HTML 2Page - Wall Industries,Inc. PSSP-75-24 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP75 Series
75 Watt Single Output
Built-In Active PFC Function
AC/DC Switching Power Supply
MECHANICAL DRAWING
Unit: mm
Terminal Pin No. Assignment
Remote ON/OFF (CN3): Molex 5046-02 or equivalent (optional)
Pin No.
Assignment
Pin No.
Assignment
Mating Housing
Terminal
1
DC OUTPUT +V
1
RC-
2
DC OUTPUT -V
2
RC+
Molex 5051
or equivalent
Molex 2759
or equivalent
3
FG
4
AC/N
5
AC/L


Similar Part No. - PSSP-75-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP-150-12 WALL-PSSP-150-12 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-13.5 WALL-PSSP-150-13.5 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-15 WALL-PSSP-150-15 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-24 WALL-PSSP-150-24 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-27 WALL-PSSP-150-27 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
More results

Similar Description - PSSP-75-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
   1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
   500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSQP100 WALL-PSQP100 Datasheet
179Kb / 4P
   100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP500 WALL-PSSP500 Datasheet
164Kb / 3P
   Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com