Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSP-500-27 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSSP-500-27
Description  Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSP-500-27 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSSP-500-27 Datasheet HTML 1Page - Wall Industries,Inc. PSSP-500-27 Datasheet HTML 2Page - Wall Industries,Inc. PSSP-500-27 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSSP500 Series
Single Output
Up to 486 Watts
Built-In Active PFC Function
AC/DC Switching Power Supply
MECHANICAL DRAWING
Terminal Pin No. Assignment
Pin No.
Assignment
Pin No.
Assignment
1
AC/L
7
R.C.
2
AC/N
8
+S
3
FG
9 ~ 11
DC OUTPUT +V
4,5
NC
12 ~ 14
DC OUTPUT –V
6
R.C.G.
15
-S
Unit: mm


Similar Part No. - PSSP-500-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP-150-12 WALL-PSSP-150-12 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-13.5 WALL-PSSP-150-13.5 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-15 WALL-PSSP-150-15 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-24 WALL-PSSP-150-24 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP-150-27 WALL-PSSP-150-27 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
More results

Similar Description - PSSP-500-27

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
   75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
   1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
   500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSRL5017R8 WALL-PSRL5017R8 Datasheet
333Kb / 3P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R5 WALL-PSRL5017R5 Datasheet
334Kb / 3P
   Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL0501 WALL-PSRL0501 Datasheet
253Kb / 4P
   Up to 350 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R3 WALL-PSRL5017R3 Datasheet
203Kb / 3P
   Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R8-N WALL-PSRL5017R8-N Datasheet
416Kb / 4P
   Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply
PSRL5017R6 WALL-PSRL5017R6 Datasheet
334Kb / 3P
   Up to 600 Watts Single Output with Active PFC AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com