Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2720TTS-30.000MTR Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # EC2720TTS-30.000MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2720TTS-30.000MTR Datasheet(HTML) 3 Page - Ecliptek Corporation

  EC2720TTS-30.000MTR Datasheet HTML 1Page - Ecliptek Corporation EC2720TTS-30.000MTR Datasheet HTML 2Page - Ecliptek Corporation EC2720TTS-30.000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ecliptek MEMS Oscillators
-
Lower Cost, Quicker Delivery Alternative!
The EMO™ family of oscillators offers exceptional performance, shorter delivery and significant
cost advantages by utilizing a revolutionary new MEMS resonator technology. This important
innovation enables Ecliptek to offer the ultimate in flexibility with delivery of 2 days for samples
and 5 to 10 days for quantities up to 10,000 pieces on tape and reel.
Package Dimensions
(all dimensions in millimeters)
Supply
Voltage
(VDC)
5 x 7
3.2 x 5
2.5 x 3.2
2 x 2.5
1.8
EMK11
EMK21
EMK31
EMK41
2.5
EMK12
EMK22
EMK32
EMK42
3.3
EMK13
EMK23
EMK33
EMK43
Would you like to request EMO™ samples or a quotation now?
Click Here
Want to learn more about the Ecliptek EMO™ family of MEMS oscillators?
Click Here
Product Features:
Improved frequency stability through the use of a MEMS resonator
1.8VDC, 2.5VDC, or 3.3VDC supply voltages
Frequency range of 1MHz to 125MHz, HCMOS output
Frequency stability to ±50ppm, -40°C to +85°C operation
Tri-state or power down functions
RoHS compliant
High temperature +260°C reflow capability
EIA compliant tape and reel packaging
Four SMD package sizes
If you have any questions or would like additional information regarding the
Ecliptek EMO™ family of oscillators, please contact our Sales Department.


Similar Part No. - EC2720TTS-30.000MTR

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
More results

Similar Description - EC2720TTS-30.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com