Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2620ETTTS-40000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC2620ETTTS-40000MTR
Description  OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC2620ETTTS-40000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC2620ETTTS-40000MTR Datasheet HTML 1Page - Ecliptek Corporation EC2620ETTTS-40000MTR Datasheet HTML 2Page - Ecliptek Corporation EC2620ETTTS-40000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC26
CERAMIC
3.3V
OS30
01/06
EC26 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 3.3V supply voltage
• LVHCMOS/TTL output
• Stability to 20ppm
• Standby Function
• Available in tube or tape and reel
OSCILLATOR
EC26
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Standby Current
Start Up Time
RMS Phase Jitter
-10°C to 70°C
-40°C to 85°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±10%
10mA Maximum
18mA Maximum
20mA Maximum
40mA Maximum
60mA Maximum
±100ppm Maximum
±50ppm Maximum
±25ppm Maximum
±20ppm Maximum
90% of V
DD Minimum
10% of V
DD Maximum
5 nSeconds Maximum
7 nSeconds Maximum
5 nSeconds Maximum
3 nSeconds Maximum
50 ±10(%) (Standard)
50 ±10(%) (Standard)
50 ±5(%) (Optional)
50 ±5(%) (Optional)
10TTL or 30pF HCMOS Load Max.
10TTL or 15pF HCMOS Load Max.
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
1pSeconds Maximum
1.544MHz to 125.000MHz and 125.009MHz, 125.00937MHz, 125.010MHz, 127MHz, 128MHz, 130MHz, 132MHz,
133MHz, 133.333MHz, 137.472MHz, 142.850MHz, 150MHz, 155.520MHz and 156.250MHz
Frequency Tolerance/Stability options of ±100ppm, ±50ppm, ±25ppm, ±20ppm available
Frequency Tolerance/Stability options of ±100ppm, ±50ppm, ±25ppm available
Frequency Tolerance/Stability option of ±20ppm available from 1.544MHz to 106.250MHz
1.544MHz to 32.000MHz
32.000001MHz to 50.000MHz
50.000001MHz to 70.000MHz
70.000001MHz to 125.000MHz
125.009MHz to 156.250MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
w/HCMOS or TTL Load , I
OH= -8mA
w/HCMOS or TTL Load, I
OL= +8mA
10% to 90% of Waveform w/15pF HCMOS Load or 0.4V
DC to 2.4VDC w/10LSTTL Load < 35.000MHz
10% to 90% of Waveform w/30pF HCMOS Load or 0.4V
DC to 2.4VDC w/10TTL Load < 35.000MHz
10% to 90% of Waveform w/HCMOS Load or 0.4V
DC to 2.4VDC w/TTL Load 35.001MHz to 125.000MHz
10% to 90% of Waveform w/HCMOS Load > 125.009MHz
at 50% of Waveform w/HCMOS Load or 1.4V
DC w/TTL Load < 70.000MHz
at 50% of Waveform w/HCMOS Load > 70.000MHz
at 50% of waveform w/HCMOS Load or w/TTL Load < 125.000MHz
at 50% of waveform w/HCMOS Load, at 25°C, at 3.3Vdc > 125.000MHz
<35.000MHz
35.000001MHz to 70.000MHz
>70.000001MHz
No Connection
V
IH :
≥70% of V
DD
V
IL :
≤30% of V
DD
Disabled Output: High Impedance
12kHz to 20MHz offset frequency
H 1.6
L 7.0
W 5.0


Similar Part No. - EC2620ETTTS-40000MTR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2621NNA6GR E-CMOS-EC2621NNA6GR Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2621NNBCGR E-CMOS-EC2621NNBCGR Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2621NNQ1GR E-CMOS-EC2621NNQ1GR Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2621NNT1GR E-CMOS-EC2621NNT1GR Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
More results

Similar Description - EC2620ETTTS-40000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com