Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25EC2445TS-40000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # 25EC2445TS-40000MTR
Description  1.6 mm 3.0 Vdc Ceramic Surface Mount Oscilllator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

25EC2445TS-40000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  25EC2445TS-40000MTR Datasheet HTML 1Page - Ecliptek Corporation 25EC2445TS-40000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
Thursday, November 11, 1999
TO:
Affected Customers
FROM:
Marketing
RE:
EC24 Series Termination
To all concerned parties,
This bulletin is to notify all customers of the discontinuation of the EC24 series Ecliptek
oscillator effective Thursday, November 11, 1999.
In compliance with our End of Life (EOL) policy, this notice will serve as advanced
notice of product termination. New orders will not be accepted after Friday, February 11,
2000, with delivery to be conclude by Wednesday, May 10, 2000.
The EC26 series is a recommended alternate for the EC24 series. This may not be an
exact cross, so it is highly recommended that the data sheet(s) of the recommended
alternate are reviewed and samples tested to ensure conformance.
If there are any questions pertaining to this bulletin, please contact your Ecliptek sales
representative. Thank you again for your cooperation.
Ecliptek Marketing


Similar Part No. - 25EC2445TS-40000MTR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
25E-1C-15.5 LITTELFUSE-25E-1C-15.5 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
25E-1C-15.5 LITTELFUSE-25E-1C-15.5 Datasheet
346Kb / 12P
   Medium Voltage Fuses
25E-1C-2.75 LITTELFUSE-25E-1C-2.75 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
25E-1C-2.75 LITTELFUSE-25E-1C-2.75 Datasheet
346Kb / 12P
   Medium Voltage Fuses
25E-1C-25.8 LITTELFUSE-25E-1C-25.8 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 25EC2445TS-40000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC23 ECLIPTEK-EC23 Datasheet
497Kb / 2P
   1.6 mm 5.0 Vdc Ceramic Surface Mount Oscilllator
logo
Kingbright Corporation
APTF1616SEEZGQBDC KINGBRIGHT-APTF1616SEEZGQBDC Datasheet
309Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APTF1616SEEZGKQBKC TO-GRACE-APTF1616SEEZGKQBKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
KPTF-1616RGBC-11 TO-GRACE-KPTF-1616RGBC-11 Datasheet
1,013Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616LSEKJ3ZGKQBC TO-GRACE-APTF1616LSEKJ3ZGKQBC Datasheet
995Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SEEZGQBDC TO-GRACE-APTF1616SEEZGQBDC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SEKJ3ZGKQBKC TO-GRACE-APTF1616SEKJ3ZGKQBKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SURKCGKSYKC TO-GRACE-APTF1616SURKCGKSYKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616LSEEZGKQBKC TO-GRACE-APTF1616LSEEZGKQBKC Datasheet
1,002Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
logo
Schurter Inc.
PFNF SCHURTER-PFNF Datasheet
452Kb / 3P
   Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com