Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-684UYL Datasheet(PDF) 10 Page - Unity Opto Technology

Part # MVL-684UYL
Description  OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-684UYL Datasheet(HTML) 10 Page - Unity Opto Technology

Back Button MVL-684UYL Datasheet HTML 6Page - Unity Opto Technology MVL-684UYL Datasheet HTML 7Page - Unity Opto Technology MVL-684UYL Datasheet HTML 8Page - Unity Opto Technology MVL-684UYL Datasheet HTML 9Page - Unity Opto Technology MVL-684UYL Datasheet HTML 10Page - Unity Opto Technology MVL-684UYL Datasheet HTML 11Page - Unity Opto Technology MVL-684UYL Datasheet HTML 12Page - Unity Opto Technology MVL-684UYL Datasheet HTML 13Page - Unity Opto Technology MVL-684UYL Datasheet HTML 14Page - Unity Opto Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MVL-69XXX
AlInGaP
Device Selection Guide (Red)
Leads
Lead
Package
with
Frame
Package
Min.
Typ.
Color
Stand-Offs
Orientation
Drawing
Major
Minor
No
K
Yes
L
No
K
Yes
L
No
K
Yes
L
No
K
Yes
L
MVL-693TUYL-S
MVL-694TUYL
MVL-694TUYL-S
Amber 590
MVL-694TUOL
MVL-694TUOL-S
MVL-693TUOL-S
Red
2000
25
50
25
1000
1000
1000
2000
2000
λd(nm)
Wavelength
IF=20mA
50
Dominant
Iv(mcd) at
2
θ1/2 (Degrees)
Typ
Viewing
Typical
Intensity
Angle
Color and
Luminous
Part Number
Amber
Water Clear
Perpendicular
Water Clear
1000
Red 625
MVL-693TUOL
2000
MVL-693TUYL
10


Similar Part No. - MVL-684UYL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-663BK-S UOT-MVL-663BK-S Datasheet
31Kb / 2P
   ELLIPSE (4.7X5.7) PACKAGE SOLID STATE LAMP
MVL-663SGK-S UOT-MVL-663SGK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TGK-S UOT-MVL-663TGK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X5.7) PACKAGE SOLID STATE LAMP
MVL-663TUOLK-S UOT-MVL-663TUOLK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-663TUYLK-S UOT-MVL-663TUYLK-S Datasheet
32Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
More results

Similar Description - MVL-684UYL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com