Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PST60
Description  Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PST60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PST60 Datasheet HTML 1Page - Wall Industries,Inc. PST60 Datasheet HTML 2Page - Wall Industries,Inc. PST60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
40 and 60 WATTS
PS SERIES TRIPLE
2
WWW
.WALLINDUSTRIES.COM
603 778 2300
IIn
np
pu
utt
O
Ou
uttp
pu
utt
O
Ou
uttp
pu
utt
M
Ma
axx..
M
Ma
axx..
E
Effffiic
ciie
en
nc
cyy
M
Mo
od
de
ell
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
C
Cu
urrrre
en
ntt
O
Ou
uttp
pu
utt
O
Ou
uttp
pu
utt
((%
%))
N
Nu
um
mb
be
err
((V
VA
AC
C))
((V
VD
DC
C))
((A
Am
mp
ps
s))
C
Cu
urrrre
en
ntt ((A
A))
P
Po
ow
we
err
85-264
±5/+12
3.0/0.5/2.0
.6-5/.1-1/.2-3 45 Watts
72
PST-40A
+5 /±12
3.0/2.0/0.5
.6-5/.2-3/.1-1 45 Watts
72
PST-40B
+5/±15
3.0/1.5/0.5
.6-5/.2-2/.1-1 45 Watts
72
PST-40C
±5/+12
5.0/0.5/2.5
.5-7/0-1/.2-3.557.5 Watts
72
PST-60A
+5/±12
5.0/2.5/0.5
.5-7/.2-3.5/0-161 Watts
72
PST-60B
+5/±15
5.0/2.0/0.5
.5-7/.2-3/0-162.5 Watts
72
PST-60C
N
NO
OT
TEE::
1. All parameters are specified at 230VAC input, rated load, 25°C ambient.
2. Tolerance: Include set up tolerance, line regulation, load regulation.
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1 uf
& 47uf capacitor.
4. Load regulation is measured from 20% to 100% rated load and other output at 60% rated
load.
5. Each output provide up to maximum current, but total load can not exceed max. output
power.
6. All case and pin-to-case measurements for reference only unless noted otherwise.
8/5/01


Similar Part No. - PST60

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600C MITSUMI-PST600C Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600D MITSUMI-PST600D Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600E MITSUMI-PST600E Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600F MITSUMI-PST600F Datasheet
118Kb / 5P
   System Reset Monolithic IC
More results

Similar Description - PST60

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com