Part Name
         Description
SPW48S24-100

 100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package ( 13 Page)


WALL
100% 
Zoom Out Zoom In
 6 page
background image
TECHNICAL DATASHEET
WALL INDUSTRIES, INC.
Rev A
SPW48S24-100
(888) 597-WALL
www.wallindustries.com
Page 6 of 13
Note: Output trim +/- 10% max.
Graph 1: SPW48S24-100 Efficiency vs. Output Current
70%
75%
80%
85%
90%
0.833
1.666
2.499
3.332
4.165
Io (A)
Vin=36V
Vin=48V
Vin=60V
Vin=75V
Graph 2: SPW48S24-100 Max Ambient vs. Io
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
-40
-30
-20
-10
0
1020
3040
5060
70
Ambient (°C)
400 LFM
300 LFM
200 LFM
100 LFM
0 LFM
Note: When trimming the output high, Io vs. Ambient is derated by power. ie: from Graph 2, find the maximum current at the desired
ambient and airflow, and multiply this current by the nominal voltage (24V) to get the maximum power. Divide this power by the desired
trimmed high voltage to get the maximum current at that ambient. When trimming low, the maximum current stays the same as shown in
graph 2.
1  2  3  4  5  6  7  8  9  10  11  12  13 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV12S24-150Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S5-100Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S12-150Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S15-150Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S20-100Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S26-150Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S28-150Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S5-50B50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S24-5050 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S48-5050 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl