Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3SM1C-20-30.000MTR Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EC3SM1C-20-30.000MTR
Description  CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC3SM1C-20-30.000MTR Datasheet(HTML) 2 Page - Ecliptek Corporation

  EC3SM1C-20-30.000MTR Datasheet HTML 1Page - Ecliptek Corporation EC3SM1C-20-30.000MTR Datasheet HTML 2Page - Ecliptek Corporation EC3SM1C-20-30.000MTR Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EC3SM1 Series
• Four pad surface mount package
• AT or BT cut available
• Resistance weld seal
• Tight tolerance/stability
• Interchangeable with plastic
surface mount crystals
• Tape and reel available
CRYSTAL
EC3SM1
H
5.18
L 12.50
W
4.95
ELECTRICAL SPECIFICATIONS
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EC3SM1
EPOXY BASE
CR34
06/06
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Mode / Cut
Fundamental / AT
Fundamental / BT
Nominal Frequency
4.000MHz
7.3728MHz
20.000MHz
ESR (
Ω)
40 Max
40 Max
ESR (
Ω)
200 Max
120 Max
50 Max
Frequency Range
Frequency Tolerance / Stability
Over Operating Temperature Range
Operating Temperature Range
Aging (at 25°C)
Storage Temperature Range
Shunt Capacitance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Nominal Frequency
30.000MHz
30.000MHz
4.000MHz, 7.3728MHz, 20.000MHz, and 30.000MHz
±50ppm / ±100ppm (Standard), ±30ppm / ±50ppm (AT cut only), ±15ppm / ±30ppm (AT cut only),
or ±15ppm / ±20ppm (AT cut only)
0°C to 70°C (Standard), -20°C to 70°C (AT cut only), or -40°C to 85°C (AT cut only)
±5ppm / year Maximum
-40°C to 85°C
7pF Maximum
500 Megaohms Minimum at 100V
DC
1 mWatt Maximum
18pF (Standard), Custom C
L
≥10pF, or Series Resonant
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
OBSOLETE


Similar Part No. - EC3SM1C-20-30.000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3SM ECLIPTEK-EC3SM Datasheet
127Kb / 2P
   CRYSTAL
EC3SM-20-28.375M ECLIPTEK-EC3SM-20-28.375M Datasheet
127Kb / 2P
   CRYSTAL
EC3SM-20-28.375MTR ECLIPTEK-EC3SM-20-28.375MTR Datasheet
127Kb / 2P
   CRYSTAL
EC3SM-20-28375M ECLIPTEK-EC3SM-20-28375M Datasheet
127Kb / 2P
   CRYSTAL
EC3SM-20-28375MTR ECLIPTEK-EC3SM-20-28375MTR Datasheet
127Kb / 2P
   CRYSTAL
More results

Similar Description - EC3SM1C-20-30.000MTR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com