Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5226B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 1N5226B
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5226B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  1N5226B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5226B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5226B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5226B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zener Diodes
1N5221B~1N5261B
Normal Zener Voltage
Maximum Zener impedance
Maximum reverse
leakage current
VZ @ IZT
ZZT @
IZT
Zzk @ Izk
IR @ VR
P/N
Nom. VZ
Min. VZ
Max. VZ
IZT (mA)
mA
µA
VR
1N5221B
2.4
2.28
2.52
20.0
30
1200
0.25
100
1.0
1N5222B
2.5
2.38
2.63
20.0
30
1250
0.25
100
1.0
1N5223B
2.7
2.57
2.84
20.0
30
1300
0.25
75
1.0
1N5224B
2.8
2.66
2.94
20.0
30
1400
0.25
75
1.0
1N5225B
3.0
2.85
3.15
20.0
29
1600
0.25
50
1.0
1N5226B
3.3
3.14
3.47
20.0
28
1600
0.25
25
1.0
1N5227B
3.6
3.42
3.78
20.0
24
1700
0.25
15
1.0
1N5228B
3.9
3.71
4.10
20.0
23
1900
0.25
10
1.0
1N5229B
4.3
4.09
4.52
20.0
22
2000
0.25
5.0
1.0
1N5230B
4.7
4.47
4.94
20.0
19
1900
0.25
5.0
2.0
1N5231B
5.1
4.85
5.36
20.0
17
1600
0.25
5.0
2.0
1N5232B
5.6
5.32
5.88
20.0
11
1600
0.25
5.0
3.0
1N5233B
6.0
5.70
6.30
20.0
7
1600
0.25
5.0
3.5
1N5234B
6.2
5.89
6.51
20.0
7
1000
0.25
5.0
4.0
1N5235B
6.8
6.46
7.14
20.0
5
750
0.25
3.0
5.0
1N5236B
7.5
7.13
7.88
20.0
6
500
0.25
3.0
6.0
1N5237B
8.2
7.79
8.61
20.0
8
500
0.25
3.0
6.5
1N5238B
8.7
8.27
9.14
20.0
8
600
0.25
3.0
6.5
1N5239B
9.1
8.65
9.56
20.0
10
600
0.25
3.0
7.0
1N5240B
10.0
9.50
10.50
20.0
17
600
0.25
3.0
8.0
1N5241B
11.0
10.45
11.55
20.0
22
600
0.25
2.0
8.4
1N5242B
12.0
11.40
12.60
20.0
30
600
0.25
1.0
9.1
1N5243B
13.0
12.35
13.65
9.5
13
600
0.25
0.5
9.9
1N5244B
14.0
13.30
14.70
9.5
15
600
0.25
0.1
10.0
1N5245B
15.0
14.25
15.75
8.5
16
600
0.25
0.1
11.0
1N5246B
16.0
15.20
16.80
7.8
17
600
0.25
0.1
12.0
1N5247B
17.0
16.15
17.85
7.4
19
600
0.25
0.1
13.0
1N5248B
18.0
17.10
18.90
7.0
21
600
0.25
0.1
14.0
1N5249B
19.0
18.05
19.95
6.6
23
600
0.25
0.1
14.0
Rev. A/WW
www.taitroncomponents.com
Page 2 of 4


Similar Part No. - 1N5226B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5226B TGS-1N5226B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5226B VISHAY-1N5226B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5226B ZSELEC-1N5226B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Weitron Technology
1N5226B WEITRON-1N5226B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5226B YEASHIN-1N5226B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5226B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com