Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4623 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1N4623
Description  500mW Low Noise Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4623 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N4623 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4623 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4623 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4623 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4623 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/DX 2007-05-15
1N4614 – 1N4627/1N4099 – 1N4135
500mW Low Noise Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
500mW Low Noise Zener Diodes
Features
• Low Current Operation at 250µA
• Low Reverse Leakage
• Low Noise Characteristics
• Metallurgically Bonded
• High temperature soldering guaranteed: 260˚C/10 seconds
• RoHS Compliant
Mechanical Data
Case:
Hermetically sealed axial lead glass case, DO-35 package
Terminals:
Leads, tin-lead plated solderable per MIL-STD-750, method 2026
Polarity:
Color band denotes cathode
Weight:
0.2 gram
Maximum Ratings (T
A=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
Ptot
Power dissipation
500
mW
TL≤50 °C, 3/8 inch (10mm) lead
length from the body. (See Fig.2)
RthJL
Max. Thermal Resistance
(Junction to Lead)
250
°C / W
At 3/8 inch (10mm) lead length
from body
TJ,TSTG
Operating Junction and Storage
Temperature Range
-65 to 175
° C
DO-35


Similar Part No. - 1N4623

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4623 CDI-DIODE-1N4623 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Silicon Supplies
1N4623 SS-1N4623 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
Knox Semiconductor, Inc
1N4623 KNOX-1N4623 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4623 MICROSEMI-1N4623 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4623 MICROSEMI-1N4623 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - 1N4623

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com