Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5398G Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1N5398G
Description  1.5A Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5398G Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1N5398G Datasheet HTML 1Page - TAITRON Components Incorporated 1N5398G Datasheet HTML 2Page - TAITRON Components Incorporated 1N5398G Datasheet HTML 3Page - TAITRON Components Incorporated 1N5398G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5A Glass Passivated Rectifiers
Rev. A/AH 2008-01-11
1N5391G – 1N5399G
www.taitroncomponents.com
Page 3 of 4
Fig.3- Typical Forward Characteristics
Instantaneous Forward Voltage (V)
Fig.5- Typical Junction Capacitance
Reverse Voltage (V)
Fig.4-Typical Reverse Leakage Characteristics
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - 1N5398G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5398G CHENYI-1N5398G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
SAMYANG ELECTRONICS CO....
1N5398G SAMYANG-1N5398G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Chongqing Pingwei Enter...
1N5398G CHONGQING-1N5398G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diode Semiconductor Kor...
1N5398G DSK-1N5398G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Dc Components
1N5398G DCCOM-1N5398G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results

Similar Description - 1N5398G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005M DIODES-DF15005M_1 Datasheet
85Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. 9 - 2
DF15005M DIODES-DF15005M Datasheet
66Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
logo
Taiwan Semiconductor Co...
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
   1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
DBL154G-T TSC-DBL154G-T Datasheet
348Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS154G-T TSC-DBLS154G-T_16 Datasheet
286Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS154G-T TSC-DBLS154G-T Datasheet
286Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
   1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Chip Integration Techno...
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
   1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com