Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5914B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1N5914B
Description  1.5W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5914B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1N5914B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5914B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5914B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5914B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5W Zener Diodes
Rev. A/AH 2008-03-25
1N5913B - 1N5943B
www.taitroncomponents.com
Page 3 of 4
Fig - Power Derating Curve
Lead Temperature (°C)
Normal Zener Voltage
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
IR @ VR
P/N
Nom.
VZ
Min.
VZ
Max.
VZ
IZT (mA)
mA
µA
VR
1N5941B
47
44.65
49.35
8.0
67
1000
0.25
0.5
35.8
1N5942B
51
48.45
53.55
7.3
70
1100
0.25
0.5
38.8
1N5943B
56
53.20
58.80
6.7
86
1300
0.25
0.5
42.6
Characteristics Curves


Similar Part No. - 1N5914B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5914B JGD-1N5914B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5914B SUNMATE-1N5914B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5914B MICROSEMI-1N5914B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5914B ISC-1N5914B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5914B CENTRAL-1N5914B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5914B

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C3V3 JINGHENG-BZX1-5C3V3 Datasheet
51Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
SMA5921 JINGHENG-SMA5921 Datasheet
73Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5913 JGD-SMBJ5913 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5946B JGD-SMBJ5946B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com