Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1320ETT-50000M-G Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # EC1320ETT-50000M-G
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1320ETT-50000M-G Datasheet(HTML) 4 Page - Ecliptek Corporation

  EC1320ETT-50000M-G Datasheet HTML 1Page - Ecliptek Corporation EC1320ETT-50000M-G Datasheet HTML 2Page - Ecliptek Corporation EC1320ETT-50000M-G Datasheet HTML 3Page - Ecliptek Corporation EC1320ETT-50000M-G Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
EC13 00 HS ET T TS - 50.000M - G TR
FREQUENCY TOLERANCE / STABILITY
00=±100ppm Maximum (Standard)
45=±50ppm Maximum, 25=±25ppm Maximum
20=±20ppm Maximum
PACKAGE
HS=Half Size 8 Pin DIP
OPERATING TEMP. RANGE
Blank=0°C to 70°C (Standard), ET=-40°C to 85°C
DUTY CYCLE
Blank=50 ±10(%) (Standard), T=50 ±5(%)
PACKAGING OPTIONS
TR= Tape & Reel (only offered with
Half Size G and Half Size G2 Options)
AVAILABLE OPTIONS
Blank=None (Standard)
CLXXX=Custom Lead Length
G=Half Size Gull Wing
G2=Half Size Gull Wing
FREQUENCY
OUTPUT CONTROL FUNCTION
Blank=None (No Connection on Pin 1)
TS=Tri-State Enable High
PART NUMBERING GUIDE
Line 1: ECLIPTEK
Line 2: EC13 TS
Output Control Function
Blank = None (No Connection on Pin 1)
TS = Tri-State Enable High
Series Designator
Line 3: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
Ø
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC13
8 pin DIP
3.3V
OS21
08/06
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
Pin 1: No Connect or Tri-State
Pin 4: Case Ground
Pin 5: Output
Pin 8: Supply Voltage
Ø
250 Pieces Per Reel
Compliant to EIA-481A
Pin 1 Locator for Gull Wing
(1) For “G” Option
(2) For “G2” Option
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215


Similar Part No. - EC1320ETT-50000M-G

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC1 ECLIPTEK-EC1 Datasheet
220Kb / 5P
   CRYSTAL
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
logo
Ecliptek Corporation
EC1-20-30.000M-I2TR ECLIPTEK-EC1-20-30.000M-I2TR Datasheet
220Kb / 5P
   CRYSTAL
EC1-20-30000M-I2TR ECLIPTEK-EC1-20-30000M-I2TR Datasheet
220Kb / 5P
   CRYSTAL
More results

Similar Description - EC1320ETT-50000M-G

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com