Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1C-20-30.000M-I2TR Datasheet(PDF) 5 Page - Ecliptek Corporation

Part # EC1C-20-30.000M-I2TR
Description  CRYSTAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1C-20-30.000M-I2TR Datasheet(HTML) 5 Page - Ecliptek Corporation

  EC1C-20-30.000M-I2TR Datasheet HTML 1Page - Ecliptek Corporation EC1C-20-30.000M-I2TR Datasheet HTML 2Page - Ecliptek Corporation EC1C-20-30.000M-I2TR Datasheet HTML 3Page - Ecliptek Corporation EC1C-20-30.000M-I2TR Datasheet HTML 4Page - Ecliptek Corporation EC1C-20-30.000M-I2TR Datasheet HTML 5Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PART NUMBERING GUIDE
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER
SPECIFICATION
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-883, Method 210
Resistance to Solvents
MIL-STD-883, Method 215
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
EC2
HC-49/US
CR04
03/06
EC2 A - T - 20 - 30.000M - I2 TR
PACKAGING OPTIONS
Blank=Bulk, A=Tray, TR=Tape and Reel
AVAILABLE OPTIONS
Blank=None (Std)
CLXXX=Custom Lead Length (See Page 42)
I2=Insulator Tab (See Page 42)
FREQUENCY
LOAD CAPACITANCE
Blank=18pF (Standard), S=Series
XX=XXpF (Custom)
MODE OF OPERATION / CRYSTAL CUT
Blank=Fundamental / AT
B=Fundamental / BT
T=Third Overtone / AT
1000 Pieces per Reel
Compliant to EIA-468B
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
FREQUENCY TOLERANCE / STABILITY
Blank=±50ppm at 25°C, ±100ppm from 0°C to 70°C
A=±50ppm at 25°C, ±100ppm from -20°C to 70°C
B=±50ppm at 25°C, ±100ppm from -40°C to 85°C
C=±30ppm at 25°C, ±50ppm from 0°C to 70°C
D=±30ppm at 25°C, ±50ppm from -20°C to 70°C
E=±30ppm at 25°C, ±50ppm from -40°C to 85°C
F=±15ppm at 25°C, ±30ppm from 0°C to 70°C
G=±15ppm at 25°C, ±30ppm from -20°C to 70°C
H=±15ppm at 25°C, ±30ppm from -40°C to 85°C
J=±15ppm at 25°C, ±20ppm from 0°C to 70°C
K=±15ppm at 25°C, ±20ppm from -20°C to 70°C
L=±15ppm at 25°C, ±20ppm from -40°C to 85°C
M=±10ppm at 25°C, ±15ppm from 0°C to 70°C
N=±10ppm at 25°C, ±15ppm from -20°C to 70°C
Line 1: E XX.XXX M
M or Blank (No Marking)
Frequency in MHz
(5 Digits Maximum + Decimal)
OBSOLETE


Similar Part No. - EC1C-20-30.000M-I2TR

ManufacturerPart #DatasheetDescription
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
logo
Pulse A Technitrol Comp...
EC100 PULSE-EC100 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
logo
3M Electronics
EC100 3M-EC100 Datasheet
422Kb / 4P
   Scotch-Weld?줗eneral Purpose Instant Adhesives
logo
Pulse A Technitrol Comp...
EC100 PULSE-EC100 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - EC1C-20-30.000M-I2TR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com