Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5923B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 1N5923B
Description  1.5W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5923B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  1N5923B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5923B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5923B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5923B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5W Zener Diodes
Rev. A/AH 2008-03-25
1N5913B - 1N5943B
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Normal Zener Voltage
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
IR @ VR
P/N
Nom.
VZ
Min.
VZ
Max.
VZ
IZT (mA)
mA
µA
VR
1N5913B
3.3
3.14
3.47
113.6
10
500
1.0
50
1.0
1N5914B
3.6
3.42
3.78
104.2
9
500
1.0
35.5
1.0
1N5915B
3.9
3.71
4.10
96.1
7.5
500
1.0
12.5
1.0
1N5916B
4.3
4.09
4.52
87.2
6
500
1.0
2.5
1.0
1N5917B
4.7
4.47
4.94
79.8
5
500
1.0
2.5
1.5
1N5918B
5.1
4.85
5.36
73.5
4
350
1.0
2.5
2.0
1N5919B
5.6
5.32
5.88
66.9
2
250
1.0
2.5
3.0
1N5920B
6.2
5.89
6.51
60.5
2
200
1.0
2.5
4.0
1N5921B
6.8
6.46
7.14
55.1
2.5
200
1.0
2.5
5.2
1N5922B
7.5
7.13
7.88
50.0
3
400
0.5
2.5
6.0
1N5923B
8.2
7.79
8.61
45.7
3.5
400
0.5
2.5
6.5
1N5924B
9.1
8.65
9.56
41.2
4
500
0.5
2.5
7.0
1N5925B
10
9.50
10.50
37.5
4.5
500
0.25
2.5
8.0
1N5926B
11
10.45
11.55
34.1
5.5
550
0.25
0.5
8.4
1N5927B
12
11.40
12.60
31.2
6.5
550
0.25
0.5
9.1
1N5928B
13
12.35
13.65
28.8
7
550
0.25
0.5
9.9
1N5929B
15
14.25
15.75
25.0
9
600
0.25
0.5
11.4
1N5930B
16
15.20
16.80
23.4
10
600
0.25
0.5
12.2
1N5931B
18
17.10
18.90
20.8
12
650
0.25
0.5
13.7
1N5932B
20
19.00
21.00
18.7
14
650
0.25
0.5
15.2
1N5933B
22
20.90
23.10
17.0
17.5
650
0.25
0.5
16.7
1N5934B
24
22.80
25.20
15.6
19
700
0.25
0.5
18.2
1N5935B
27
25.65
28.35
13.9
23
700
0.25
0.5
20.6
1N5936B
30
28.50
31.50
12.5
26
750
0.25
0.5
22.8
1N5937B
33
31.35
34.65
11.4
33
800
0.25
0.5
25.1
1N5938B
36
34.20
37.80
10.4
38
850
0.25
0.5
27.4
1N5939B
39
37.05
40.95
9.6
45
900
0.25
0.5
29.7
1N5940B
43
40.85
45.15
8.7
53
950
0.25
0.5
32.7


Similar Part No. - 1N5923B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5923B JGD-1N5923B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5923B CENTRAL-1N5923B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Microsemi Corporation
1N5923B MICROSEMI-1N5923B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Frontier Electronics.
1N5923B FRONTIER-1N5923B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5923B CENTRAL-1N5923B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5923B

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C3V3 JINGHENG-BZX1-5C3V3 Datasheet
51Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
SMA5921 JINGHENG-SMA5921 Datasheet
73Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5913 JGD-SMBJ5913 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5946B JGD-SMBJ5946B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com