Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA48A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 30KPA48A
Description  30KW Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

30KPA48A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  30KPA48A Datasheet HTML 1Page - TAITRON Components Incorporated 30KPA48A Datasheet HTML 2Page - TAITRON Components Incorporated 30KPA48A Datasheet HTML 3Page - TAITRON Components Incorporated 30KPA48A Datasheet HTML 4Page - TAITRON Components Incorporated 30KPA48A Datasheet HTML 5Page - TAITRON Components Incorporated 30KPA48A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30KW Transient Voltage Suppressor
Rev. A/AH 2008-04-08
30KPA28A – 30KPA288CA
www.taitroncomponents.com
Page 3 of 6
Breakdown Voltage
@ Test Current (note1)
P/N (note3)
Stand-Off
Voltage
VBR
Max. Reverse
Leakage
Current
@
V WM
Max.
Clamping
Voltage
@
I PPM
Max.
Peak Pulse
Current
Uni-Polar
Bi-Polar
VWM
(V)
Min.
IT
(mA)
ID (
μA)
(note2)
VC (V)
IPPM (A)
(note1)
30KPA108A
30KPA108CA
108
120.60
5
2
175.2
172.9
30KPA120A
30KPA120CA
120
134.00
5
2
194.4
155.9
30KPA132A
30KPA132CA
132
147.40
5
2
213.0
142.3
30KPA144A
30KPA144CA
144
160.80
5
2
223.2
135.8
30KPA150A
30KPA150CA
150
167.60
5
2
233.4
129.8
30KPA156A
30KPA156CA
156
174.30
5
2
245.0
123.7
30KPA160A
30KPA160CA
160
178.70
5
2
252.6
120.0
30KPA168A
30KPA168CA
168
187.70
5
2
272.4
111.2
30KPA170A
30KPA170CA
170
189.90
5
2
275.0
110.2
30KPA180A
30KPA180CA
180
201.10
5
2
290.4
104.3
30KPA198A
30KPA198CA
198
221.20
5
2
319.8
94.7
30KPA216A
30KPA216CA
216
241.30
5
2
348.6
86.9
30KPA240A
30KPA240CA
240
268.10
5
2
387.0
78.3
30KPA258A
30KPA258CA
258
288.20
5
2
416.4
72.8
30KPA260A
30KPA260CA
260
290.40
5
2
416.0
72.8
30KPA270A
30KPA270CA
270
301.60
5
2
436.2
69.5
30KPA280A
30KPA280CA
280
312.80
5
2
464.0
65.3
30KPA288A
30KPA288CA
288
321.70
5
2
469.9
64.5
Note:
1. Surge current waveform per Fig. 3 and derate per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.


Similar Part No. - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA48A RUILON-30KPA48A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
30KPA48A HUAXINAN-30KPA48A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
30KPA48A SOCAY-30KPA48A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com