Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5373B Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # 1N5373B
Description  5.0W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5373B Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  1N5373B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5373B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5373B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5373B Datasheet HTML 4Page - TAITRON Components Incorporated 1N5373B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A/AH 2007-11-27
www.taitroncomponents.com
Page 4 of 5
5.0W Zener Diodes
1N5333B – 1N5388B
Fig.1- Max. Continuous Power Dissipation
TA, Ambient Temperature (°C)
Typical Characteristics Curves
Dimensions in inch (mm)
1.5KE
Fig.2-Thermal Resistance
I Lead Length (mm)


Similar Part No. - 1N5373B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5373B MOTOROLA-1N5373B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5373B NJSEMI-1N5373B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5373B SEMIKRON-1N5373B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5373B DIOTEC-1N5373B Datasheet
131Kb / 2P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N5373B NJSEMI-1N5373B Datasheet
168Kb / 1P
   DIODE
More results

Similar Description - 1N5373B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
Z5SMB5333B TAITRON-Z5SMB5333B Datasheet
199Kb / 5P
   5.0W Surface Mount Zener Diodes
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com