Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA20CA Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 20KPA20CA
Description  20KW Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

20KPA20CA Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  20KPA20CA Datasheet HTML 1Page - TAITRON Components Incorporated 20KPA20CA Datasheet HTML 2Page - TAITRON Components Incorporated 20KPA20CA Datasheet HTML 3Page - TAITRON Components Incorporated 20KPA20CA Datasheet HTML 4Page - TAITRON Components Incorporated 20KPA20CA Datasheet HTML 5Page - TAITRON Components Incorporated 20KPA20CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2008-05-01
20KPA20A – 20KPA300CA
20KW Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
20KW Transient Voltage Suppressor
Features
Glass passivated junction
20KW peak pulse power capability at 10/1000μs waveform
repetition rate (duty cycles): 0.01%
Fast response time: typically less than 1.0ps from 0v to VBR min.
Excellent clamping capability
Low incremental surge resistance
High temperature soldering guaranteed:
260°C/40 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension
RoHS Compliant
Mechanical Data
Case:
T6L molded plastic body over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Lead:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Color band denotes the cathode except Bi-directional
Mounting position:
Any
Weight:
0.07 ounce, 2.5 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VWM
Maximum Recurrent Peak Reverse Voltage
20 to 300
V
PPPM
Peak Pulse Power Dissipation on 10/1000μs
Waveform
20
KW
Note 1
PD
Steady State Power Dissipation on infinite heat
sink at TL=75° C
8.0
W
IFSM
Peak Forward Surge Current, Uni-directional
only
400
A
8.3ms single half sine-wave or
equivalent square wave, duty
cycle=4 pulses per minute maximum
RthJA
Typical Thermal Resistance to Ambient
40
° C/W
RthJL
Typical Thermal Resistance to Lead
8.0
° C/W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to +175
° C
T6L


Similar Part No. - 20KPA20CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
20KPA20CA MDE-20KPA20CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
20KPA20CA SOCAY-20KPA20CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
Littelfuse
20KPA20CA LITTELFUSE-20KPA20CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA20CA LUGUANG-20KPA20CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
MERITEK ELECTRONICS COR...
20KPA20CA MERITEK-20KPA20CA Datasheet
501Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 20KPA20CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
20KP LEIDITECH-20KP Datasheet
865Kb / 5P
   20KW Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com