Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA36CA Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # 30KPA36CA
Description  30KW Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

30KPA36CA Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  30KPA36CA Datasheet HTML 1Page - TAITRON Components Incorporated 30KPA36CA Datasheet HTML 2Page - TAITRON Components Incorporated 30KPA36CA Datasheet HTML 3Page - TAITRON Components Incorporated 30KPA36CA Datasheet HTML 4Page - TAITRON Components Incorporated 30KPA36CA Datasheet HTML 5Page - TAITRON Components Incorporated 30KPA36CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
30KW Transient Voltage Suppressor
Rev. A/AH 2008-04-08
30KPA28A – 30KPA288CA
www.taitroncomponents.com
Page 5 of 6
Dimensions in inch (mm)
Fig.6- Typical Junction Capacitance
Breakdown Voltage (VBR)
T6L
Fig.5- Steady State Power Derating Curve
Lead Temperature (°C)


Similar Part No. - 30KPA36CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA36CA LITTELFUSE-30KPA36CA Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
30KPA36CA LITTELFUSE-30KPA36CA Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
logo
MDE Semiconductor, Inc.
30KPA36CA MDE-30KPA36CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
30KPA36CA ANOVA-30KPA36CA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Littelfuse
30KPA36CA LITTELFUSE-30KPA36CA Datasheet
138Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 30KPA36CA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com