Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP9.0CA Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # 3KP9.0CA
Description  3000W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

3KP9.0CA Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  3KP9.0CA Datasheet HTML 1Page - TAITRON Components Incorporated 3KP9.0CA Datasheet HTML 2Page - TAITRON Components Incorporated 3KP9.0CA Datasheet HTML 3Page - TAITRON Components Incorporated 3KP9.0CA Datasheet HTML 4Page - TAITRON Components Incorporated 3KP9.0CA Datasheet HTML 5Page - TAITRON Components Incorporated 3KP9.0CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3000W Transient Voltage Suppressor
Rev. A/AH 2008-02-22
3KP5.0A – 3KP220CA
www.taitroncomponents.com
Page 4 of 6
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Fig.2- Pulse Derating Curve
Ambient Temperature TA (°C)
Fig.4- Max. Non-Repetitive Forward Surge Current
Uni-directional only
Number of Cycles at 60Hz
Note:
1. Surge current waveform per Fig. 3 and derate per Fig. 2
2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled.
3. C suffix for Bidirectional use, A suffix for 5% tolerance.
Typical Characteristics Curves
Fig.3- Pulse Waveform
Time
t (ms)


Similar Part No. - 3KP9.0CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP9.0CA PANJIT-3KP9.0CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP9.0CA RUILON-3KP9.0CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
3KP9.0CA YINT-3KP9.0CA Datasheet
902Kb / 5P
   3KP Transient Voltage Suppressor Diode Series
logo
Surge Components
3KP9.0CA SURGE-3KP9.0CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP9.0CA SOCAY-3KP9.0CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 3KP9.0CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com