Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1300TTS-50000M-CL Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EC1300TTS-50000M-CL
Description  OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EC1300TTS-50000M-CL Datasheet(HTML) 1 Page - Ecliptek Corporation

  EC1300TTS-50000M-CL Datasheet HTML 1Page - Ecliptek Corporation EC1300TTS-50000M-CL Datasheet HTML 2Page - Ecliptek Corporation EC1300TTS-50000M-CL Datasheet HTML 3Page - Ecliptek Corporation EC1300TTS-50000M-CL Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC13 Series
• RoHS Compliant (Pb-free)
• HCMOS/TTL output
• 3.3V supply voltage
• 14 pin DIP package
• Stability to ±20ppm
• Custom lead length,
gull wing options available
OSCILLATOR
EC13
ELECTRICAL SPECIFICATIONS
Frequency Range (MHz)
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Tri-State Input Voltage
Aging (at 25°C)
Start Up Time
Period Jitter: Absolute
Period Jitter: One Sigma
0.250MHz to 24.000MHz
24.001MHz to 70.000MHz
70.001MHz to 125.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year Aging
at 25°C, Shock, and Vibration
w/ TTL Load
w/ HCMOS Load
w/ TTL Load
w/ HCMOS Load
10% to 90% of Waveform w/HCMOS Load or
0.4V
DC to 2.4VDC w/TTL Load
10% to 90% of Waveform w/HCMOS Load
10% to 90% of Waveform w/HCMOS Load
at 50% of Waveform
< 24.000MHz
> 24.000MHz
V
IH :No Connection
V
IH :>2.2VDC
V
IL :<0.8VDC
0.250MHz to 125.000MHz
0°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±0.3VDC
10mA Maximum
25mA Maximum
45mA Maximum
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum (0°C to 70°C Only)
2.4V
DC Minimum
2.7V
DC Minimum
0.4V
DC Maximum
0.5V
DC Maximum
10 nSeconds Max. < 24.000MHz
10 nSeconds Max. < 24.000MHz
6 nSeconds Max. 24.000MHz to 70.000MHz
4 nSeconds Max. 70.001MHz to 125.000MHz
50 ±10(%) (Standard) or 50 ±5(%) (Optional)
2TTL or 15pF HCMOS Load
15pF HCMOS Load
Enables Output
Enables Output
Disables Output: High Impedance
±5ppm / year Maximum
10 mSeconds Maximum
±100pSeconds Maximum
±25pSeconds Maximum
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EC13
14 pin DIP
3.3V
OS20
08/06
H
5.08
W 20.8
L 13.2


Similar Part No. - EC1300TTS-50000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC1 ECLIPTEK-EC1 Datasheet
220Kb / 5P
   CRYSTAL
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
   High Performance EMI Power Inlet Filter
logo
Ecliptek Corporation
EC1-20-30.000M-I2TR ECLIPTEK-EC1-20-30.000M-I2TR Datasheet
220Kb / 5P
   CRYSTAL
EC1-20-30000M-I2TR ECLIPTEK-EC1-20-30000M-I2TR Datasheet
220Kb / 5P
   CRYSTAL
More results

Similar Description - EC1300TTS-50000M-CL

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com