Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BC848B
Description  SMD General Purpose Transistor (NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BC848B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BC848B Datasheet HTML 1Page - TAITRON Components Incorporated BC848B Datasheet HTML 2Page - TAITRON Components Incorporated BC848B Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A/AH 2008-05-29
BC846/BC847/BC848
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFA
(800)-824-8329
(661)-257-6415
SMD General Purpose
Transistor (NPN)
SMD General Purpose Transistor (NPN)
Features
• NPN Silicon Epitaxial Planar Transistor for
Switching and Amplifier Applications
Mechanical Data
Case:
SOT-23, Plastic Package
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
0.008 gram
Marking Information
BC846A
BC846B
BC847A
BC847B
BC847C
BC848A
BC848B
BC848C
Marking Code
1A
1B
1E
1F
1G
1J
1K
1L
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BC846
BC847
BC848
Unit
Conditions
VCBO
Collector-Base Voltage
80
50
30
V
VCEO
Collector-Emitter Voltage
65
45
30
V
VEBO
Emitter-Base Voltage
6
6
5
V
IC
Collector Current
100
mA
Ptot
Power Dissipation
350
mW
Note 1
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Note: 1. Package mounted on 99.5% Alumina 10 x 8 x 0.6mm.
SOT-23


Similar Part No. - BC848B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC848B GE-BC848B Datasheet
301Kb / 6P
   Small Signal Transistors (NPN)
logo
NXP Semiconductors
BC848B PHILIPS-BC848B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Guangdong Youtai Semico...
BC848B UMW-BC848B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
logo
Taiwan Semiconductor Co...
BC848B TSC-BC848B Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC848B CENTRAL-BC848B Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - BC848B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com