Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP48A Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 3KP48A
Description  3000W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

3KP48A Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  3KP48A Datasheet HTML 1Page - TAITRON Components Incorporated 3KP48A Datasheet HTML 2Page - TAITRON Components Incorporated 3KP48A Datasheet HTML 3Page - TAITRON Components Incorporated 3KP48A Datasheet HTML 4Page - TAITRON Components Incorporated 3KP48A Datasheet HTML 5Page - TAITRON Components Incorporated 3KP48A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/AH 2008-02-22
3KP5.0A – 3KP220CA
3000W Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3000W Transient Voltage Suppressor
Features
Glass passivated junction
3000W peak pulse power capability at 10/1000μs waveform
repetition rate (duty cycles): 0.01%
Fast response time: typically less than 1.0ps from 0v to VBR min.
Excellent clamping capability
Low incremental surge resistance
High temperature soldering guaranteed:
260°C/40 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension
RoHS Compliant
Mechanical Data
Case:
Molded plastic body, T6L
Lead:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Color band denotes the cathode except Bi-directional
Mounting position:
Any
Weight:
0.07 ounce, 2.1 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
VWM
Maximum Recurrent Peak Reverse Voltage
5.0 to 220
V
PPPM
Peak Pulse Power Dissipation on 10/1000μs
Waveform
Minimum 3000
W
Note 1
IPPM
Peak Pulse Current with 10/1000μs
Waveform
See Table
A
Note 1
IFSM
Peak Forward Surge Current, Uni-directional
only
300
A
8.3ms single half sine-wave or
equivalent square wave, duty
cycle=4 pulses per minute maximum
3.5
3KP5.0~3KP200
VF
Maximum Instantaneous Forward Voltage
at 100A for Uni-directional only
5.0
V
3KP210~3KP220
RthJA
Typical Thermal Resistance to Ambient
40
° C/W
RthJL
Typical Thermal Resistance to Leadt
8.0
° C/W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to +175
° C
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
T6L


Similar Part No. - 3KP48A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP48A PANJIT-3KP48A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Shanghai Leiditech Elec...
3KP48A LEIDITECH-3KP48A Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Pan Jit International I...
3KP48A PANJIT-3KP48A Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shanghai Semitech Semic...
3KP48A SEMITECH-3KP48A Datasheet
500Kb / 4P
   Excellent clamping capability
logo
Surge Components
3KP48A SURGE-3KP48A Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results

Similar Description - 3KP48A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com