Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP30B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # EGP30B
Description  3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EGP30B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  EGP30B Datasheet HTML 1Page - TAITRON Components Incorporated EGP30B Datasheet HTML 2Page - TAITRON Components Incorporated EGP30B Datasheet HTML 3Page - TAITRON Components Incorporated EGP30B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
EGP30A – EGP30K
3.0A Sintered Glass Passivated
Super Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Low forward voltage, high current capability
• Low leakage current, high surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD molded plastic body
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.04ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
EGP30A
EGP30B
EGP30D
EGP30G
EGP30J
EGP30K
Unit
Conditions
VRRM
Maximum
Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
0.375” (9.5mm)
lead length(Fig.1)
IFSM
Peak Forward
Surge Current
125
115
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
DO-201AD


Similar Part No. - EGP30B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30B ZOWIE-EGP30B Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP30B DACHANG-EGP30B Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
logo
General Semiconductor
EGP30B GE-EGP30B Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGP30B LUGUANG-EGP30B Datasheet
202Kb / 2P
   High Efficiency Rectifiers
logo
Micro Commercial Compon...
EGP30B MCC-EGP30B Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP30B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
   3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
   3.0A Sintered Glass Passivated Fast Recovery Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
   3.0A Sintered Glass Passivated Super Fast Rectifier
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
   6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP15A TAITRON-EGP15A Datasheet
145Kb / 4P
   1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
   3.0A Sintered Glass Passivated Ultra Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
   Glass Passivated Sintered Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com