Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C171SM Datasheet(PDF) 1 Page - Advanced Photonix, Inc.

Part # PDB-C171SM
Description  Photodiode in Plastic Surface Mount Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Direct Link  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

PDB-C171SM Datasheet(HTML) 1 Page - Advanced Photonix, Inc.

  PDB-C171SM Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Surface mount
• Photoconductive
• Low cost
• High speed
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
60
V
TSTG
Storage Temperature
-55
+100
°C
TO
Operating Temperature
-40
+80
°C
TS
Soldering Temperature*
+260
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
90
μA
ID
Dark Current
VR = 10 V
4
30
nA
RSH
Shunt Resistance
VR = 10 mV
400
MW
CJ
Junction Capacitance
VR = 10 V, f = 1 MHz
15
pF
lrange
Spectral Application Range
Spot Scan
400
1100
nm
VBR
Breakdown Voltage
I = 10 μA
60
V
NEP
Noise Equivalent Power
VR = 10V @ l=Peak
4x10
-14
W/ √ Hz
tr
Response Time
RL = 1KΩ,VR = 10 V
20
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Photodiode in Plastic Surface Mount Package
PDB-C171SM
PACKAGE DIMENSIONS INCH [mm]
SURFACE MOUNT PACKAGE
The PDB-C171SM is a blue enhanced PIN silicon
photodiode ideal for high speed photoconductive or
photovoltaic applications packaged in a water clear
surface mount package.
• Photointerrupters
• Oximeter sensors
• Barcode
• Glucometers
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 2/13/07
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
SURFACE MOUNT PACKAGE
.118 [3.00] SQUARE
.109 [2.77] SQUARE
ACTIVE AREA
.079 [2.00]
.158 [4.00]
.085 [2.15]
.197 [5.00]
130°
VIEWING
ANGLE
.173 [4.40]
.012 [0.30]
.019 [0.48]
.043 [1.10]
.158 [4.00]
2X .020 [0.51]
ANODE
CATHODE
CATHODE MARK
SUGGESTED PAD LAYOUT
FOR REFLOW SOLDERING
2X .158 [4.00]
2X .047 [1.19]
.142 [3.61]


Similar Part No. - PDB-C171SM

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
PDB-C171SM LUNA-PDB-C171SM Datasheet
202Kb / 2P
   SMT Photodiode
More results

Similar Description - PDB-C171SM

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C152SM LUNA-PDB-C152SM Datasheet
172Kb / 2P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDI-C172SMF ETC2-PDI-C172SMF Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Advanced Photonix, Inc.
PDB-C154SM ADVANCEDPHOTONIX-PDB-C154SM Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C160SM ADVANCEDPHOTONIX-PDB-C160SM Datasheet
148Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
   Photodiode in Plastic Surface Mount Package
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
   Photodiode in Plastic Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com